Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3911 Datasheet(PDF) 92 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 92 Page - ams AG

Back Button AS3911_V01 Datasheet HTML 88Page - ams AG AS3911_V01 Datasheet HTML 89Page - ams AG AS3911_V01 Datasheet HTML 90Page - ams AG AS3911_V01 Datasheet HTML 91Page - ams AG AS3911_V01 Datasheet HTML 92Page - ams AG AS3911_V01 Datasheet HTML 93Page - ams AG AS3911_V01 Datasheet HTML 94Page - ams AG AS3911_V01 Datasheet HTML 95Page - ams AG AS3911_V01 Datasheet HTML 96Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 159 page
background image
Page 92
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
Timer and NFC Interrupt Register
Figure 75:
Timer and NFC Interrupt Register
Note(s):
1. At power-up and after Set Default command, content of this register is set to 0.
2. After Timer and NFC Interrupt Register has been read, its content is set to 0.
Address 18h: Timer and NFC Interrupt Register
Type: R
Bit
Name
Default
Function
Comments
7I_dct
IRQ due to termination of direct
command
6I_nre
IRQ due to No-response timer
expire
5I_gpe
IRQ due to general purpose
timer expire
4I_eon
IRQ due to detection of external
field higher than Target
activation level
3I_eof
IRQ due to detection of external
field drop below Target
activation level
2I_cac
IRQ due to detection of collision
during RF Collision Avoidance
An external field was
detected during RF Collision
Avoidance
1I_cat
IRQ after minimum guard time
expire
An external field was not
detected during RF Collision
Avoidance, field was
switched on, IRQ is sent after
minimum guard time
according to NFCIP-1
0I_nfct
IRQ when in target mode the
initiator bit rate was recognized



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com