Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS3911 Datasheet(PDF) 42 Page - ams AG

Part # AS3911
Description  NFC Initiator / HF Reader IC
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3911 Datasheet(HTML) 42 Page - ams AG

Back Button AS3911_V01 Datasheet HTML 38Page - ams AG AS3911_V01 Datasheet HTML 39Page - ams AG AS3911_V01 Datasheet HTML 40Page - ams AG AS3911_V01 Datasheet HTML 41Page - ams AG AS3911_V01 Datasheet HTML 42Page - ams AG AS3911_V01 Datasheet HTML 43Page - ams AG AS3911_V01 Datasheet HTML 44Page - ams AG AS3911_V01 Datasheet HTML 45Page - ams AG AS3911_V01 Datasheet HTML 46Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 159 page
background image
Page 42
ams Datasheet
Document Feedback
[v2-11] 2016-Jun-13
AS3911 − Application Information
Reading of Data from Addressable Registers (Read
Mode)
After the SPI operation mode bits the address of register to be
read has to be provided from the MSB to the LSB. Then one or
more data bytes are transferred to MISO output, always from
the MSB to the LSB. As in case of the write mode also the read
mode supports auto-incrementing address.
MOSI is sampled at the falling edge of SCLK (like shown in the
following diagrams), data to be read from the AS3911 internal
register is driven to MISO pin on rising edge of SCLK and is
sampled by the master at the falling edge of SCLK.
In case the register on defined address does not exist all 0 data
is sent to MISO.
Figure 28 provides an example for reading of single byte.
Figure 28:
SPI Communication: Reading of Single Byte
01
A
5
A
4
A
3
A
2
A
1
A
0
X
X
SC L K rising
edge D a ta is
move d fro m
A d dre ss
<A5-A0>
/S S risin g e dg e
signals end of R E A D
Mod e
T w o le ad ing
bits ind icate
Mo de
D
4
D
3
D
2
D
1
D
0
D
7
D
6
trista te
trista te
SC L K rising
ed ge D a ta is
tran sfered
from µ C
S C L K fa lling
ed ge D a ta is
sa m p led
S C L K fa lling ed ge
D a ta is tran sfe re d
to µ C
D
5
/S S
SC L K
MO S I
MIS O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com