Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFP-GSX/LC-AE Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SFP-GSX/LC-AE
Description  Small Form-Factor Pluggable SFP. SFP and XFP Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SFP-GSX/LC-AE Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SFP-GSX/LC-AE Datasheet HTML 1Page - Advantech Co., Ltd. SFP-GSX/LC-AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
1.25 Gbps SFP Modules
Part Number
Also Known As
Wavelength
Optical Mode
Distance
Optical
Connector
Sensitivity
(dB)
Operating Temp.
SFP-GSX/LC-AE
-
850 nm
Multi-mode
550 m
LC
-17
0 to +70 °C (+32 to +158 °F)
SFP-GLX/LC-10E
-
1310 nm
Single-mode
10 km
LC
-20
SFP-GLX/LC-20E
-
1310 nm
Single-mode
20 km
LC
-23
SFP-GLX/LC-40E
-
1310 nm
Single-mode
40 km
LC
-23
SFP-GXD/LC-50E
-
1550 nm
Single-mode
50 km
LC
-23
SFP-GZX/LC-70E
-
1550 nm
Single-mode
70 km
LC
-24
SFP-GZX/LC-110E
1550 nm
Single-mode
110 km
LC
-30
SFP-GWDM13SC-40E
-
1310T/1550R
Single-Strand
40 km
LC
-23
SFP-GWDM15SC-40E
-
1550T/1310R
Single-Strand
40 km
LC
-23
Industrial Grade 100-155 Mbps SFP Modules w/ DDM
Part Number
Also Known As
Wavelength
Optical Mode
Distance
Optical
Connector
Sensitivity
(dB)
Operating Temp.
SFP-FMM850-2K
808-38101
850 nm
Multi-mode
2 km
LC
-26
-40 to +85 °C (-40 to +185 °F)
SFP-FMM-2K
808-38102
1300 nm
Multi-mode
2 km
LC
-32
SFP-FSM-20K
808-38103
1310 nm
Single-mode
20 km
LC
-35
SFP-FSM-40K
808-38104
1310 nm
Single-mode
40 km
LC
-36
SFP-FSM-80K
808-38105
1310 nm
Single-mode
80 km
LC
-36
SFP-FSS-20KTX
808-38121
1310T/1550R
Single-Strand
20 km
SC
-32
SFP-FSS-20KRX
808-38122
1550T/1310R
Single-Strand
20 km
SC
-32
SFP-FSS-40KTX
808-38123
1310T/1550R
Single-Strand
40 km
SC
-34
SFP-FSS-40KRX
808-38124
1550T/1310R
Single-Strand
40 km
SC
-34
Industrial Grade 100-155 Mbps SFP Modules
Part Number
Also Known As
Wavelength
Optical Mode
Distance
Optical
Connector
Sensitivity
(dB)
Operating Temp.
SFP-FXM/LCI-AE
-
1310 nm
Multi-mode
2 km
LC
-32
-40 to +85 °C (-40 to +185 °F)
SFP-FXS/LCI-30E
-
1310 nm
Single-mode
30km
LC
-34
100-155 Mbps SFP Modules
Part Number
Also Known As
Wavelength
Optical Mode
Distance
Optical
Connector
Sensitivity
(dB)
Operating Temp.
SFP-FXM/LC-AE
-
1310 nm
Multi-mode
2 km
LC
-32
0 to +70 °C (+32 to +158 °F)
SFP-FXS/LC-30E
-
1310 nm
Single-mode
30km
LC
-34
Industrial Grade SFP+ 10 Gbps Modules w/ DDM
Part Number
Also Known As
Wavelength
Optical Mode
Distance
Optical
Connector
Sensitivity
(dB)
Operating Temp.
SFP-XMM-33
808-38600
850 nm
Multi-mode
33 m
LC
-9.9
-10 to +70 °C (+14 to +158 °F)
SFP-XSM-10K
808-38601
1310 nm
Single-mode
10 km
LC
-14.4
Industrial Grade XFP 10 Gbps Modules w/ DDM
Part Number
Also Known As
Wavelength
Optical Mode
Distance
Optical
Connector
Sensitivity
(dB)
Operating Temp.
SFP-XMM-33-XFP
808-38610
850 nm
Multi-mode
33 m
LC
-9.9
0 to +70 °C (+32 to +158 °F)
SFP-XSM-10K-XFP
808-38611
1310 nm
Single-mode
10 km
LC
-14.4
SFP-XSM-40K-XFP
808-38612
1550 nm
Single-mode
40 km
LC
-16
SFP-XSM-80K-XFP
808-38613
1550 nm
Single-mode
80 km
LC
-23
Industrial Grade SFP 1 Gbps Copper Modules
Part Number
Also Known As
Ethernet Speed
Distance
Operating Temp
SFP-GTX
808-39001
10/100/1000 Mbps
100 m
0 to +70 °C (+32 to +158 °F)
SFP-GTXB
808-39010
1000 Mbps
100 m
0 to +70 °C (+32 to +158 °F)
SFP-GTX/RJ45I-AE
-
1000 Mbps
100 m
-40 to +85 °C (-40 to +185 °F)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com