Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFP-GSX/LC-AE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SFP-GSX/LC-AE
Description  Small Form-Factor Pluggable SFP. SFP and XFP Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SFP-GSX/LC-AE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SFP-GSX/LC-AE Datasheet HTML 1Page - Advantech Co., Ltd. SFP-GSX/LC-AE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Small Form-Factor Pluggable
SFP. SFP+ and XFP Modules
SFP Modules
ƒ Industrial standard small form-factor pluggable (SFP) package
ƒ Wide specifications and fiber types available
ƒ Provides digital diagnostics monitoring (DDM) functionality
ƒ Comes with metal enclosure for EMI
ƒ The Class 1 laser product complies with EN 60825-1
ƒ Supports plug-n-play operation
Introduction
Advantech's small form-factor pluggable (SFP) transceiver family is available with a variety of types of copper SFP and fiber SFPs, SFP+, and XFP. This transceiver module is compliant
with the small form-factor pluggable (SFP) multi-source agreement (MSA). They are versatile and widely used because of their hot-pluggable feature.
Advantech's SFPs provide robust industrial performance with an extended operating temperature range. Through real-time monitoring, the DDM (digital diagnostic monitoring)
functionality provides users critical information such as receive optical power, transmitted optical power, laser bias current, input voltage, and temperature in the network. This
approach enables better fault isolation and error detection.
Ordering Information
Industrial Grade 1.25 Gbps SFP Modules w/ DDM
Part Number
Also Known As
Wavelength
Optical Mode
Distance
Optical
Connector
Sensitivity
(dB)
Operating Temp.
SFP-GMM-550
808-38201
850 nm
Multi-mode
550 m
LC
-17
-40 to +85 °C (-40 to +185 °F)
SFP-GMM-2K
808-38206
1310 nm
Multi-mode
2 km
LC
-19
SFP-GSM-20K
808-38200
1310 nm
Single-mode
20 km
LC
-23
SFP-GSM-30K
808-38203
1310 nm
Single-mode
30 km
LC
-24
SFP-GSM-40K
808-38204
1550 nm
Single-mode
40 km
LC
-24
SFP-GSS-40KTX-LC
808-38723
1310T/1550R
Single-Strand
40 km
LC
-23
SFP-GSS-40KRX-LC
808-38724
1550T/1310R
Single-Strand
40 km
LC
-23
SFP-GS4-70KTX-LC
808-38725
1490T/1550R
Single-Strand
70 km
LC
-24
SFP-GS4-70KRX-LC
808-38726
1550T/1490R
Single-Strand
70 km
LC
-24
SFP-GSS-20KTX
808-38221
1310T/1550R
Single-Strand
20 km
SC
-23
SFP-GSS-20KRX
808-38222
1550T/1310R
Single-Strand
20 km
SC
-23
SFP-GSS-40KTX
808-38223
1310T/1550R
Single-Strand
40 km
SC
-23
SFP-GSS-40KRX
808-38224
1550T/1310R
Single-Strand
40 km
SC
-23
SFP-GS4-70KTX
808-38289
1490T/1550R
Single-Strand
70 km
SC
-24
SFP-GS4-70KRX
808-38290
1550T/1490R
Single-Strand
70 km
SC
-24
Industrial Grade 1.25 Gbps SFP Modules
Part Number
Also Known As
Wavelength
Optical Mode
Distance
Optical
Connector
Sensitivity
(dB)
Operating Temp.
SFP-GSX/LCI-AE
-
850 nm
Multi-mode
550 m
LC
-17
-20 to +85 °C (-20 to +185 °F)
SFP-GLX/LCI-10E
-
1310 nm
Single-mode
10 km
LC
-20
-40 to +85 °C (-40 to +185 °F)
SFP-GLX/LCI-20E
-
1310 nm
Single-mode
20 km
LC
-23
SFP-GLX/LCI-40E
-
1310 nm
Single-mode
40 km
LC
-23
SFP-GXD/LCI-50E
-
1550 nm
Single-mode
50 km
LC
-23
SFP-GZX/LCI-70E
-
1550 nm
Single-mode
70 km
LC
-24
SFP-GZX/LCI-110E
-
1550 nm
Single-mode
110 km
LC
-30
All product specifications are subject to change without notice.
Last updated: 22-Apr-2019


Similar Part No. - SFP-GSX/LC-AE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SFP-GSX/LC ADVANTECH-SFP-GSX/LC Datasheet
336Kb / 1P
4-Port Gigabit Base Ethernet Card
7-Dec-2015
More results

Similar Description - SFP-GSX/LC-AE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
V23818-S5-B1 INFINEON-V23818-S5-B1 Datasheet
198Kb / 3P
SFP - Small Form-factor Pluggable Cage EMI / Dust Plug
2003-05-09
V23818-S5-B2 INFINEON-V23818-S5-B2 Datasheet
132Kb / 3P
SFP - Small Form-factor Pluggable Cage Dust Plug
2003-05-09
logo
Advantech Co., Ltd.
SFP-FXM-LC ADVANTECH-SFP-FXM-LC Datasheet
175Kb / 1P
Small Form-factor Pluggable (SFP) Transceiver Modules
logo
Molex Electronics Ltd.
0759510999 MOLEX9-0759510999 Datasheet
109Kb / 2P
Small Form Factor Pluggable (SFP) Dust Plug
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-5750Z AVAGO-AFCT-5750Z Datasheet
677Kb / 20P
Families of Small Form Factor Pluggable (SFP) Optical Transceivers
AFCT-5765NLZ AVAGO-AFCT-5765NLZ_15 Datasheet
246Kb / 19P
Families of Small Form Factor Pluggable (SFP) Optical Transceivers
logo
TE Connectivity Ltd
408-10259 TEC-408-10259 Datasheet
92Kb / 3P
Small Form-Factor Pluggable (SFP) and zSFP
408-10261 TEC-408-10261 Datasheet
115Kb / 4P
Small Form- Factor Pluggable (SFP) Seating
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-57V6USZ AVAGO-AFCT-57V6USZ Datasheet
524Kb / 22P
Small Form Factor Pluggable (SFP) LC Optical Transceiver
logo
Molex Electronics Ltd.
0739290003 MOLEX1-0739290003 Datasheet
32Kb / 1P
Small Form-factor Pluggable (SFP) Cable Assembly, 5.0m Length
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com