Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESP32-C3 Datasheet(PDF) 29 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-C3
Description  UltraLowPower SoC with RISCV SingleCore CPU Supporting 2.4 GHz WiFi and Bluetooth LE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-C3 Datasheet(HTML) 29 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-C3 Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 27Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 28Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 29Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
4
Electrical Characteristics
4.4 DC Characteristics (3.3 V, 25 °C)
Table 11: DC Characteristics (3.3 V, 25 °C)
Symbol
Parameter
Min
Typ
Max
Unit
CIN
Pin capacitance
—
2
—
pF
VIH
High-level input voltage
0.75 × VDD1
—
VDD1+ 0.3
V
VIL
Low-level input voltage
–0.3
—
0.25 × VDD1
V
IIH
High-level input current
—
—
50
nA
IIL
Low-level input current
—
—
50
nA
VOH
2
High-level output voltage
0.8 × VDD1
—
—
V
VOL
2
Low-level output voltage
—
—
0.1 × VDD1
V
IOH
High-level source current (VDD1= 3.3 V,
VOH >= 2.64 V, PAD_DRIVER = 3)
—
40
—
mA
IOL
Low-level sink current (VDD1= 3.3 V, VOL =
0.495 V, PAD_DRIVER = 3)
—
28
—
mA
RP U
Pull-up resistor
—
45
—
kΩ
RP D
Pull-down resistor
—
45
—
kΩ
VIH_nRST
Chip reset release voltage
0.75 × VDD1
—
VDD1+ 0.3
V
VIL_nRST
Chip reset voltage
–0.3
—
0.25 × VDD1
V
1 VDD is the I/O voltage for a particular power domain of pins.
2 V
OH and VOL are measured using high-impedance load.
4.5 ADC Characteristics
Table 12: ADC Characteristics
Symbol
Parameter
Min
Max
Unit
DNL (Differential nonlinearity)1
ADC connected to an external
–7
7
LSB
100 nF capacitor; DC signal input;
INL (Integral nonlinearity)
ambient temperature at 25 °C;
–12
12
LSB
Wi-Fi off
Sampling rate
—
—
2
Msps
Effective Range
ATTEN0
0
750
mV
ATTEN1
0
1050
mV
ATTEN2
0
1300
mV
ATTEN3
0
2500
mV
1 To get better DNL results, you can sample multiple times and apply a filter, or calculate the average value.
4.6 Current Consumption
The current consumption measurements are taken with a 3.3 V supply at 25 °C of ambient temperature at the RF
port. All transmitters’ measurements are based on a 100% duty cycle.
Espressif Systems
28
Submit Documentation Feedback
ESP32-C3 Family Datasheet V0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com