Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESP32-C3 Datasheet(PDF) 30 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-C3
Description  UltraLowPower SoC with RISCV SingleCore CPU Supporting 2.4 GHz WiFi and Bluetooth LE
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-C3 Datasheet(HTML) 30 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-C3 Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 27Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 28Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 29Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-C3 Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
4
Electrical Characteristics
Table 13: Current Consumption Depending on RF Modes
Work mode
Description
Peak
(mA)
Active (RF working)
TX
802.11b, 1 Mbps, @21 dBm
325
802.11g, 54 Mbps, @19 dBm
272
802.11n, HT20, MCS 7, @18.5 dBm
260
802.11n, HT40, MCS 7, @18.5 dBm
262
RX
802.11b/g/n, HT20
84
802.11n, HT40
87
Table 14: Current Consumption Depending on Work Modes
Work mode
Description
Typ
Unit
Modem-sleep1, 2
The CPU is
powered on3
160 MHz
20
mA
Normal speed: 80 MHz
15
mA
Light-sleep
—
130
µA
Deep-sleep
RTC timer + RTC memory
5
µA
Power off
CHIP_PU is set to low level, the chip is powered off
1
µA
1 The current consumption figures in Modem-sleep mode are for cases where the CPU is powered on and
the cache idle.
2 When Wi-Fi is enabled, the chip switches between Active and Modem-sleep modes. Therefore, current
consumption changes accordingly.
3 In Modem-sleep mode, the CPU frequency changes automatically. The frequency depends on the CPU
load and the peripherals used.
4.7 Reliability
Table 15: Reliability Qualifications
Reliability test
Standard
Test conditions
Result
Electro-Static Discharge Sensitivity
(ESD), Charge Device Mode (CDM)1
JEDEC EIA/JESD22-C101
±1000 V, all pins
Pass
Electro-Static Discharge Sensitivity
(ESD), Human Body Mode (HBM)2
JEDEC EIA/JESD22-A114
±2000 V, all pins
Pass
Latch-up (Over-current test)
JEDEC STANDARD NO.78
±50 mA
~ ±200 mA, room
temperature, test for IO
Pass
Latch-up (Over-voltage test)
JEDEC STANDARD NO.78
1.5 × VDDmax, room
temperature, test for Vsupply
Pass
Moisture Sensitivity Level (MSL)
J-STD-020, MSL 3
30 °C, 60% RH, 192 hours,
IR × 3 @260 °C
Pass
1 JEDEC document JEP157 states that 250 V CDM allows safe manufacturing with a standard ESD control
process.
2 JEDEC document JEP155 states that 500 V HBM allows safe manufacturing with a standard ESD control
process.
Espressif Systems
29
Submit Documentation Feedback
ESP32-C3 Family Datasheet V0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com