Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GLQ110 Datasheet(PDF) 57 Page - Emerson Network Power

Part # GLQ110
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLQ110 Datasheet(HTML) 57 Page - Emerson Network Power

Back Button GLQ110 Datasheet HTML 53Page - Emerson Network Power GLQ110 Datasheet HTML 54Page - Emerson Network Power GLQ110 Datasheet HTML 55Page - Emerson Network Power GLQ110 Datasheet HTML 56Page - Emerson Network Power GLQ110 Datasheet HTML 57Page - Emerson Network Power GLQ110 Datasheet HTML 58Page - Emerson Network Power GLQ110 Datasheet HTML 59Page - Emerson Network Power GLQ110 Datasheet HTML 60Page - Emerson Network Power GLQ110 Datasheet HTML 61Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 109 page
background image
GLS500, GLS500-M Series Specifications
Input
Input range
85-264 Vac (wide range)
Frequency
47-63 Hz
Inrush current
50 A max, cold start @ 25°C
Efficiency
85% typical at full load, nominal line
EMI filter
FCC Class B conducted and radiated; CISPR 22 Class B conducted and radiated;
EN55022 Class B conducted and radiated; VDE 0878 PT3 Class B conducted and radiated
Safety ground
leakage current
<0.5 mA @ 50/60 Hz, 264 Vac input (<0.3 mA @ 50/60 Hz, 264 Vac input for GLS500-M)
Output
Maximum power
200 W convection; 500 W with 30 CFM forced air
Adjustment range
±5%
Standby output
5 V @ 1 A convection, 2 A forced air, regulated, ±5%
Fan output
12 V @ 1 A, -5%, +7%, 0.5 A for -CF version
Hold-up time
20 ms @ 500 W load, 115 Vac nominal line at factory voltage setting
Overload protection
Short circuit protection on all outputs
Case overload protected @ 115-130% above peak rating
Overvoltage protection
20-35% above nominal output
Logic Control
Power failure
TTL logic signal goes high 100-500 msec after main output. It goes low at least 4 msec before loss of regulation.
Remote on/off
Requires an external contact closure to inhibit outputs
DC OK
TTL logic goes high after the output is in regulation. It goes low when there is loss of regulation.
Remote sense
Compensates for 0.5 V lead drop min. Will operate without remote sense connected. Reverse connection protected.
Operating temperature
0° to 50°C ambient. Derate each output 2.5% per degree from 50° to 70°C
Storage temperature
-40°C to 85°C
Electromagnetic
susceptibility
Designed to meet EN61000-4; -2, -3, -4, -5, -6, -8, -11 Level 3
Humidity
Operating; non-condensing 10% to 90% RH
Vibration
Three orthogonal axes, sweep at 1 oct/min, 5 min. dwell at four major resonances 2 G peak 8Hz to 500Hz, operational
Mating Connectors
SK4,5,6
Molex 19141-0058
SK7 Control Signal
Molex 90142-0010; PINS: 90119-2110 or
Amp 87977-3; PINS: 87309-8
SK8
JST PHR-2; PINS: SPH-002T-PO.5S
CN403
JST PHDR-10VS; PINS: JST 5PHD-002T-PO.5-L/P or
Landwin 2050 S1000; PINS: 2053T011P
Connector Kit #70-841-024, includes all of the above
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±0.02” (±0.5mm)
3. Specifications are at factory settings unless otherwise stated.
4. Mounting screw maximum insertion depth is .12”.
5. Warranty: 2 years
6. Weight: 3.016 lbs/1.18 kg
Phone: (800) 377-4384
Email: tech@solahd.com
www.solahd.com
Electrical Specifications
Environmental Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com