Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GLQ110 Datasheet(PDF) 18 Page - Emerson Network Power

Part # GLQ110
Description  GLQ110 Series Installation & Operating Instructions
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

GLQ110 Datasheet(HTML) 18 Page - Emerson Network Power

Back Button GLQ110 Datasheet HTML 14Page - Emerson Network Power GLQ110 Datasheet HTML 15Page - Emerson Network Power GLQ110 Datasheet HTML 16Page - Emerson Network Power GLQ110 Datasheet HTML 17Page - Emerson Network Power GLQ110 Datasheet HTML 18Page - Emerson Network Power GLQ110 Datasheet HTML 19Page - Emerson Network Power GLQ110 Datasheet HTML 20Page - Emerson Network Power GLQ110 Datasheet HTML 21Page - Emerson Network Power GLQ110 Datasheet HTML 22Page - Emerson Network Power Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 109 page
background image
GLQ250 Series Specifications
Input
Input range
85-264 Vac; 120-300 Vdc
Frequency
47-440 Hz
Inrush current
20 A max, cold start @ 25°C
Efficiency
75% typical at full load
EMI filter
FCC Class B conducted and radiated; CISPR 22 Class B conducted and radiated;
EN55022 Class B conducted and radiated; VDE 0878 PT3 Class B conducted and radiated
Safety ground
leakage current
<0.5 mA @ 50/60 Hz, 264 Vac input
Output
Maximum power
With cover: 250 W with 30 CFM forced air, (-C) (-CF) (CEF)
Adjustment range
±5% min. on main: 5-25 V on 4th output
Supervisory outputs
5 V @ 100 mA regulated, 12 V @ 500 mA
Hold-up time
16 ms @ 250 W load, 115 Vac nominal line
Overload protection
Short circuit protection on all outputs.
Case overload protected @ 110 -145% above peak rating
Overvoltage protection
5 V output: 5.7 to 6.7 Vdc; Other models 10% to 25% above nominal output
Minimum load
3 A for 1st output
Logic Control
Power failure
TTL logic signal goes high 50-150 msec after 5 V output. It goes low at least 4 msec before loss of regulation
Remote on/off
Requires an external contact (N.O. or N.C.) to inhibit outputs
DC-OK
TTL logic goes high 50-150 msec after the output. It goes low when there is loss of regulation
Remote sense
Compensates for 0.5 V lead drop minimum, will operate without remote sense connected. Reverse connection protected.
Operating temperature
0° to 50°C ambient. Derate each output at 2.5% per degree from 50° to 70°C
Storage temperature
-40°C to 85°C
Temperature coefficient
±0.4% per °C
Electromagnetic
susceptibility
Designed to meet IEC 801, -2, -3, -4, -5, -6, Level 3
Humidity
Operating; non-condensing 5% to 95%
Vibration
Three orthogonal axes, sweep at 1 oct/min, 5 min. dwell at four major resonances 0.7 G peak 5Hz to 500Hz, operational
MTBF demonstrated
>550,000 hours at full load and 25°C ambient conditions
Mating Connectors
SK3
Molex 22-01-1084
PINS: 08-70-0057
SK4
Molex 22-01-3027
PINS: 08-50-0114
SK5
Molex 22-01-3027
PINS: 08-50-0114
SK7
Molex 22-01-3027
PINS: 08-50-0114
Connector Kit #70-841-005, includes all of the above
1. Specifications subject to change without notice.
2. All dimensions in inches (mm), tolerance is ±0.02”.
3. Specifications are at factory settings unless otherwise stated.
4. To enable normally closed remote inhibit, cut jumper J1.
5. Mounting maximum insertion depth is 0.12”.
6. Warranty: 2 year
7. Weight: 3.1 lbs/1.41 kg
Phone: (800) 377-4384
Email: tech@solahd.com
www.solahd.com
Electrical Specifications
Environmental Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com