Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ES9038Q2M Datasheet(PDF) 7 Page - ESS Technology,Inc

Part # ES9038Q2M
Description  32-Bit Stereo Low Power Audio DAC
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9038Q2M Datasheet(HTML) 7 Page - ESS Technology,Inc

Back Button ES9038Q2M Datasheet HTML 3Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 4Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 5Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 6Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 7Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 8Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 9Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 10Page - ESS Technology,Inc ES9038Q2M Datasheet HTML 11Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 65 page
background image
July 17, 2019
CONFIDENTIAL Rev. 1.3
ES9038Q2M Datasheet
7
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-
8800 • Fax (408) 643-8801
Master Mode
The DAC can become an audio timing master via master_mode in Register 10: Master Mode and Sync Configuration.
o
The ‘input_select’ bits in Register 1: Input selection must be set to explicitly select DSD or serial master mode.
Autoselect will not produce the desired results in master mode.
The Bit Clock frequency can be configured using one of the following two methods:
o
Set the desired master_div in Register 10: Master Mode and Sync Configuration, or
o
Use NCO mode to set FSR using Register 34-37: Programmable NCO. When in NCO mode the master_div setting will be
ignored.
An available GPIO pin can be configured to output MCLK using Register 8: GPIO1-2 Configuration.
DATA_CLK
DATA1
DATA2
SIN (Serial PCM Data)
DATA_CLK
DATA1
DATA2
GPIO1/2
MCLK (Master Clock)
SLAVE PCM MODE
MASTER PCM MODE
BCLK (Bit Clock)
LRCLK (Frame Clock)
BCLK (Bit Clock)
LRCLK (Frame Clock)
SIN (Serial PCM Data)
DATA_CLK
DATA1
DATA2
DSD DATA2 (R)
DATA_CLK
DATA1
DATA2
GPIO1/2
MCLK (Master Clock)
SLAVE DSD MODE
MASTER DSD MODE
DSD DATA_CLK
DSD DATA1 (L)
DSD DATA2 (R)
DSD DATA_CLK
DSD DATA1 (L)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com