Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA709 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STA709
Description  AM/FM/HD-Radio??DAB automotive digital output tuner
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA709 Datasheet(HTML) 5 Page - STMicroelectronics

  STA709 Datasheet HTML 1Page - STMicroelectronics STA709 Datasheet HTML 2Page - STMicroelectronics STA709 Datasheet HTML 3Page - STMicroelectronics STA709 Datasheet HTML 4Page - STMicroelectronics STA709 Datasheet HTML 5Page - STMicroelectronics STA709 Datasheet HTML 6Page - STMicroelectronics STA709 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Ref.
Dimensions in mm
Min.
Typ.
Max.
b1
-
0.15
-
D
9.00 BSC
D1(2)
8.75 BSC
D2
-
6.70
-
e
0.50 BSC
E
9.00 BSC
E1(2)
8.75 BSC
E2
-
6.70
-
L
0.30
-
0.50
L1
0.15 REF
L2
-
0.10
-
P
-
-
0.60
Tolerance of form and position
aaa
0.15
bbb
0.10
ccc
0.10
ddd
0.05
eee
0.08
fff
0.10
1. Maximum allowable burr is 0.076 mm in all directions.
2. D1 and E1 are Maximum plastic body size dimensions including mold mismatch. Dimensions D1 and E1 do not include
mold flash or protrusions. Allowable mold flash or protrusions is "0.25 mm (0.0098 inch)" per side.
Note:
The package is compliant to IPC/JEDEC J-STD-020D June 2007 standard Moisture/Reflow Sensitivity
Classification for Nonhermetic Solid State Surface Mount Devices, MSL Level 3.
STA709
VFQFPN-64 (9x9x1.0mm) package information
DB3139 - Rev 2
page 5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com