Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STA709 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA709
Description  AM/FM/HD-Radio??DAB automotive digital output tuner
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA709 Datasheet(HTML) 1 Page - STMicroelectronics

  STA709 Datasheet HTML 1Page - STMicroelectronics STA709 Datasheet HTML 2Page - STMicroelectronics STA709 Datasheet HTML 3Page - STMicroelectronics STA709 Datasheet HTML 4Page - STMicroelectronics STA709 Datasheet HTML 5Page - STMicroelectronics STA709 Datasheet HTML 6Page - STMicroelectronics STA709 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VFQFPN64 (9 x 9 x 1.0 mm)
GAPGPS02776
Features
•
AEC-Q100 qualified
•
Full automotive grade RFCMOS design
•
Quad-band:
–
AM/FM Band
–
Band-III
–
Band-L
•
Software configurable digital base-band interface (I2S or JESD204B)
•
Compatible with digital radio standards: DAB, DRM, and HD-Radio™
•
Software programmable
•
Very high dynamic range built-in ΣΔ ADC
•
Very low external component count (no pin diodes, transformers or varicap)
•
RoHS compliant small footprint package
Description
The STA709 is a single chip, full CMOS, quad-band, front-end tuner specifically
tailored to Software-Defined-Radio (SDR) systems.
When paired with an application processor, STA709 enables the implementation of a
SDR solution to receive analog (AM/FM/WX) and digital terrestrial broadcasting
standards (e.g. HD-Radio™/DAB/DRM).
The STA709 features front-end low-noise amplifiers (LNAs) covering AM band
(LW/MW/SW), FM and WX bands, DAB band-III and band-L.
After on-chip IF filtering, the STA709 digitizes the signal with a high dynamic range
ΣΔ ADC ahead of the complex phase-quadrature base-band signal down conversion
to provide a stable digital base-band output to the companion application processor.
The digital base-band signal is transmitted to the application processor via a flexible
and configurable serial digital interface operating either as single-ended I2S, LVDS
I2S or JESD204B.
The STA709 offers automotive grade and state-of-art RF performances with minimum
external component count.
Product status link
STA709
Device summary
Order code
Package
Packing
STA709
VFQFPN64
(9 x 9 x 1 mm)
Tray
STA709TR
Tape &
Reel
AM/FM/HD-Radio™/DAB automotive digital output tuner
STA709
Data brief
DB3139 - Rev 2 - November 2019
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STA709

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA7056 STMICROELECTRONICS-STA7056 Datasheet
60Kb / 5P
3W MONO BRIDGE AMPLIFIER
Mar-2000
More results

Similar Description - STA709

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SI4763-A10-GM ETC2-SI4763-A10-GM Datasheet
51Kb / 2P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
Silicon Laboratories
SI4629-A10 SILABS-SI4629-A10 Datasheet
984Kb / 3P
High-Performance, Single-Chip AM/FM/HD/DAB/DAB/RDS/RDBS
SI4685-A10 SILABS-SI4685-A10 Datasheet
1,000Kb / 3P
Single-Chip, AM/FM/DAB/DAB Radio Receiver
SI4689-A10 SILABS-SI4689-A10 Datasheet
985Kb / 3P
Single-Chip, AM/FM/HD/DAB/DAB Radio Receiver
SI4688-A10 SILABS-SI4688-A10 Datasheet
993Kb / 3P
Single-Chip, FM/HD/DAB/DAB Radio Receiver
SI4763-A20-AM SILABS-SI4763-A20-AM Datasheet
995Kb / 3P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
SI4769-A41-GMR SILABS-SI4769-A41-GMR Datasheet
995Kb / 3P
High-Performance Automotive AM/FM Radio Receiver and HD Radio Tuner
logo
STMicroelectronics
STA710 STMICROELECTRONICS-STA710 Datasheet
201Kb / 7P
AM/FM/HD-RadioTM/DAB automotive digital output tuner
TDA7707 STMICROELECTRONICS-TDA7707 Datasheet
201Kb / 7P
AM/FM/HD-RadioTM/DAB submicron technology automotive receiver
25-Nov-2019
TDA7708 STMICROELECTRONICS-TDA7708 Datasheet
202Kb / 8P
AM/FM/HD-Radio™ submicron technology automotive receiver
25-Nov-2019
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com