Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474XB Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM32G474XB
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XB Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM32G474XB Datasheet HTML 87Page - STMicroelectronics STM32G474XB Datasheet HTML 88Page - STMicroelectronics STM32G474XB Datasheet HTML 89Page - STMicroelectronics STM32G474XB Datasheet HTML 90Page - STMicroelectronics STM32G474XB Datasheet HTML 91Page - STMicroelectronics STM32G474XB Datasheet HTML 92Page - STMicroelectronics STM32G474XB Datasheet HTML 93Page - STMicroelectronics STM32G474XB Datasheet HTML 94Page - STMicroelectronics STM32G474XB Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 236 page
background image
Table 21. Current consumption in Run and Low-power run modes, code with data
processing running from Flash in single Bank, ART enable (Cache ON Prefetch OFF)
Symbol
Parameter
Condition
fHCLK
Typ
Max
Unit
-
Voltage
scaling
25°C
55°C 85°C 105°C 125°C 25°C 55°C 85°C 105°C 125°C
IDD (Run)
Supply current
in Run mode
fHCLK = fHSE up to
48 MHz included,
bypass mode PLL
ON above 48
MHz all
peripherals
disable
Range 2
26 MHz
3.65
3.85
4.45
5.1
6.45
4.00
4.50
6.50
8.40
13.00
mA
16 MHz
2.30
2.55
3.1
3.8
5.15
2.60
3.20
5.20
7.10
11.00
8 MHz
1.25
1.5
2.05
2.8
4.1
1.60
2.10
4.10
6.00
9.80
4 MHz
0.75
0.955
1.5
2.3
3.6
0.94
1.50
3.50
5.40
9.30
2 MHz
0.47
0.69
1.25
2
3.35
0.65
1.30
3.20
5.10
9.00
1 MHz
0.34
0.55
1.1
1.9
3.2
0.51
1.10
3.00
5.00
8.90
100 KHz
0.22
0.43
0.98
1.75
3.1
0.38
0.94
2.90
4.80
8.70
Range 1
Boost
mode
170 MHz
29.50
29.5
31
32
34.5
30.00 30.00 34.00 36.00 42.00
Range 1
150 MHz
24.50
26
27
28
30
25.00 27.00 29.00 32.00 37.00
120 MHz
19.50
20
20.5
21.5
23.5
20.00 21.00 23.00 25.00 31.00
80 MHz
13.00
13.5
14
15.5
17
14.00 14.00 16.00 19.00 24.00
72 MHz
12.00
12
13
14
15.5
13.00 13.00 16.00 18.00 23.00
64 MHz
10.50
11
11.5
12.5
14.5
11.00 12.00 14.00 16.00 22.00
48 MHz
7.90
8.2
9
9.7
11.5
8.40
9.00 12.00 14.00 20.00
32 MHz
5.40
5.65
6.4
7.2
8.85
5.80
6.50
9.00
12.00 17.00
24 MHz
4.10
4.35
5.1
5.95
7.6
4.50
5.20
7.80
11.00
16.00
16 MHz
2.80
3.1
3.8
4.7
6.3
3.20
3.90
6.50
8.90
14.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com