Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474XB Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM32G474XB
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XB Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM32G474XB Datasheet HTML 93Page - STMicroelectronics STM32G474XB Datasheet HTML 94Page - STMicroelectronics STM32G474XB Datasheet HTML 95Page - STMicroelectronics STM32G474XB Datasheet HTML 96Page - STMicroelectronics STM32G474XB Datasheet HTML 97Page - STMicroelectronics STM32G474XB Datasheet HTML 98Page - STMicroelectronics STM32G474XB Datasheet HTML 99Page - STMicroelectronics STM32G474XB Datasheet HTML 100Page - STMicroelectronics STM32G474XB Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 236 page
background image
Table 24. Typical current consumption in Run and Low-power run modes, with different codes
running from Flash, ART enable (Cache ON Prefetch OFF)
Symbol
Parameter
Conditions
Code
TYP
Single Bank
Mode
TYP
Dual Bank
Mode
Unit
TYP
Single Bank
Mode
TYP
Dual Bank
Mode
Unit
-
Voltage scaling
25°C
25°C
25°C
25°C
IDD
(Run)
Supply
current in
Run mode
fHCLK=fHSE
up to 48 MHZ
included, bypass
mode PLL ON
above 48 MHz all
peripherals
disable
Range2
fHCLK=26MHz
Reduced
code(1)
3.65
3.7
mA
140
142
µA/MHz
Coremark
3.65
3.7
140
142
Dhrystone2.1
3.65
3.7
140
142
Fibonacci
4.55
4.2
175
162
While(1)
2.90
3
112
115
Range 1
fHCLK= 150 MHz
Reduced
code(1)
24.5
24.5
mA
163
163
µA/MHz
Coremark
24
24
160
160
Dhrystone2.1
24.5
24.5
163
163
Fibonacci
22.5
28
150
187
While(1)
19.5
20
130
133
Range 1
Boost mode
fHCLK= 170 MHz
Reduced
code(1)
29.5
29.5
mA
174
174
µA/MHz
Coremark
29
29
171
171
Dhrystone2.1
29.5
29.5
174
174
Fibonacci
38
35
224
206
While(1)
23.5
24
138
141



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com