Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474XB Datasheet(PDF) 105 Page - STMicroelectronics

Part # STM32G474XB
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XB Datasheet(HTML) 105 Page - STMicroelectronics

Back Button STM32G474XB Datasheet HTML 101Page - STMicroelectronics STM32G474XB Datasheet HTML 102Page - STMicroelectronics STM32G474XB Datasheet HTML 103Page - STMicroelectronics STM32G474XB Datasheet HTML 104Page - STMicroelectronics STM32G474XB Datasheet HTML 105Page - STMicroelectronics STM32G474XB Datasheet HTML 106Page - STMicroelectronics STM32G474XB Datasheet HTML 107Page - STMicroelectronics STM32G474XB Datasheet HTML 108Page - STMicroelectronics STM32G474XB Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 236 page
background image
Table 31. Current consumption in Stop 0 mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD
25°C
55°C
85°C
105°C
125°C
25°C
55°C
85°C
105°C
125°C
IDD(Stop 0)
Supply current
in Stop 0 mode,
RTC disabled
-
1.8 V
190
380
980
1750
3100
350
920
2700
5000
12000
µA
2.4 V
190
380
985
1750
3100
350
930
2700
5100
12000
3 V
190
380
985
1750
3100
350
940
2700
5100
12000
3.6 V
190
380
985
1750
3100
360
940
2700
5200
12000
(2)
1. Guaranteed by characterization results, unless otherwise specified.
2. Guaranteed by test in production.
Table 32. Current consumption in Standby mode
Symbol
Parameter
Conditions
TYP
MAX(1)
Unit
-
VDD
25°C
55°C
85°C 105°C 125°C 25°C 55°C 85°C 105°C
125°C
IDD
(Standby)
Supply current in Standby
mode (backup registers
retained),
RTC disabled
No
independent
watchdog
1.8 V
100
275
1350
3450
8450
270
1800 4700
8800
24000
nA
2.4 V
110
325
1600
4100
10000
290
2100 5200 11000
28000
3 V
130
385
1900
4850
12000
350
2300 6200 12000
32000
3.6 V
180
530
2400
6050
14500
670
2400 7200 14000
38000
(2)
With
independent
watchdog
1.8 V
300
-
-
-
-
---
-
-
2.4 V
365
-
-
-
-
---
-
-
3 V
435
-
-
-
-
---
-
-
3.6 V
545
-
-
-
-
---
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com