Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474XC Datasheet(PDF) 63 Page - STMicroelectronics

Part # STM32G474XC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XC Datasheet(HTML) 63 Page - STMicroelectronics

Back Button STM32G474XC Datasheet HTML 59Page - STMicroelectronics STM32G474XC Datasheet HTML 60Page - STMicroelectronics STM32G474XC Datasheet HTML 61Page - STMicroelectronics STM32G474XC Datasheet HTML 62Page - STMicroelectronics STM32G474XC Datasheet HTML 63Page - STMicroelectronics STM32G474XC Datasheet HTML 64Page - STMicroelectronics STM32G474XC Datasheet HTML 65Page - STMicroelectronics STM32G474XC Datasheet HTML 66Page - STMicroelectronics STM32G474XC Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 236 page
background image
DS12288 Rev 4
63/236
STM32G474xB STM32G474xC STM32G474xE
Pinouts and pin description
80
-
-
-
-
-
-
-H5
49
PF12
I/O
FT
-
TIM20_CH1,
FMC_A6,
EVENTOUT
-
-
-
-
-
-
-
-J6
50
PF13
I/O
FT
-
TIM20_CH2,
I2C4_SMBA,
FMC_A7,
EVENTOUT
-
-
-
-
-
-
-
-H6
51
PF14
I/O
FT_f
-
TIM20_CH3,
I2C4_SCL, FMC_A8,
EVENTOUT
-
-
-
-
-
-
-
-G6
52
PF15
I/O
FT_f
-
TIM20_CH4,
I2C4_SDA, FMC_A9,
EVENTOUT
-
H5
-
-
-
30
G5
38
L7
53
PE7
I/O
TT_a
-
TIM1_ETR, FMC_D4,
SAI1_SD_B,
EVENTOUT
ADC3_IN4,
COMP4_INP
G5
-
-
-
31
H5
39
K7
54
PE8
I/O
FT_a
-
TIM5_CH3,
TIM1_CH1N,
FMC_D5,
SAI1_SCK_B,
EVENTOUT
ADC345_IN6,
COMP4_INM
F5
-
-
-
32
H6
40
J7
55
PE9
I/O
FT_a
-
TIM5_CH4,
TIM1_CH1, FMC_D6,
SAI1_FS_B,
EVENTOUT
ADC3_IN2
J4
-
-
-
33
K6
41
H7
56
PE10
I/O
FT_a
-
TIM1_CH2N,
QUADSPI1_CLK,
FMC_D7,
SAI1_MCLK_B,
EVENTOUT
ADC345_IN14
H4
-
-
-
34
J6
42
L8
57
PE11
I/O
FT_a
-
TIM1_CH2,
SPI4_NSS,
QUADSPI1_BK1_NC
S, FMC_D8,
EVENTOUT
ADC345_IN15
E5
-
-
-
35
G6
43
K8
58
PE12
I/O
FT_a
-
TIM1_CH3N,
SPI4_SCK,
QUADSPI1_BK1_IO0
, FMC_D9,
EVENTOUT
ADC345_IN16
G4
-
-
-
36
K7
44
J8
59
PE13
I/O
FT_a
-
TIM1_CH3,
SPI4_MISO,
QUADSPI1_BK1_IO1
, FMC_D10,
EVENTOUT
ADC3_IN3
Table 12. STM32G474xB/xC/xE pin definition (continued)
Pin Number
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com