Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474XC Datasheet(PDF) 85 Page - STMicroelectronics

Part # STM32G474XC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XC Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STM32G474XC Datasheet HTML 81Page - STMicroelectronics STM32G474XC Datasheet HTML 82Page - STMicroelectronics STM32G474XC Datasheet HTML 83Page - STMicroelectronics STM32G474XC Datasheet HTML 84Page - STMicroelectronics STM32G474XC Datasheet HTML 85Page - STMicroelectronics STM32G474XC Datasheet HTML 86Page - STMicroelectronics STM32G474XC Datasheet HTML 87Page - STMicroelectronics STM32G474XC Datasheet HTML 88Page - STMicroelectronics STM32G474XC Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 236 page
background image
DS12288 Rev 4
85/236
STM32G474xB STM32G474xC STM32G474xE
Electrical characteristics
201
5.3
Operating conditions
5.3.1
General operating conditions
Table 17. General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fHCLK
Internal AHB clock frequency
-
0
170
MHz
fPCLK1
Internal APB1 clock frequency
-
0
170
fPCLK2
Internal APB2 clock frequency
-
0
170
VDD
Standard operating voltage
-
1.71(1)
3.6
V
VDDA
Analog supply voltage
ADC
1.62
3.6
V
DAC 1 MSPS or DAC 15 MSPS
or OPAMP
1.8
COMP used
1.8
3.6
VREFBUF used
2.4
3.6
ADC, DAC, OPAMP, COMP,
VREFBUF not used
0
VBAT
Backup operating voltage
-
1.55
3.6
V
VIN
I/O input voltage
TT_xx
-0.3
VDD+0.3
V
FT_c
-0.3
5
All I/O except TT_xx and FT_c
-0.3
MIN(MIN(VDD,
VDDA)+3.6 V,
5.5 V)(2)(3)
PD
Power dissipation
See Section 6.10: Thermal characteristics for application
appropriate thermal resistance and package.
Power dissipation is then calculated according ambient
temperature (TA) and maximum junction temperature (TJ) and
selected thermal resistance.
mW
PD
Power dissipation
See Section 6.10: Thermal characteristics for application
appropriate thermal resistance and package. Power dissipation
is then calculated according to ambient temperature (TA),
maximum junction temperature (TJ) and selected thermal
resistance.
mW
TA
Ambient temperature for the
suffix 6 version
Maximum power dissipation
-40
85
°C
Low-power dissipation(4)
-40
105
Ambient temperature for the
suffix 3 version
Maximum power dissipation
-40
125
Low-power dissipation(4)
-40
130
TJ
Junction temperature range
Suffix 6 version
-40
105
°C
Suffix 3 version
-40
130
1. When RESET is released functionality is guaranteed down to VBOR0 Min.
2. This formula has to be applied only on the power supplies related to the IO structure described by the pin definition table.
Maximum I/O input voltage is the smallest value between MIN(VDD, VDDA)+3.6 V and 5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com