Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474XC Datasheet(PDF) 170 Page - STMicroelectronics

Part # STM32G474XC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XC Datasheet(HTML) 170 Page - STMicroelectronics

Back Button STM32G474XC Datasheet HTML 166Page - STMicroelectronics STM32G474XC Datasheet HTML 167Page - STMicroelectronics STM32G474XC Datasheet HTML 168Page - STMicroelectronics STM32G474XC Datasheet HTML 169Page - STMicroelectronics STM32G474XC Datasheet HTML 170Page - STMicroelectronics STM32G474XC Datasheet HTML 171Page - STMicroelectronics STM32G474XC Datasheet HTML 172Page - STMicroelectronics STM32G474XC Datasheet HTML 173Page - STMicroelectronics STM32G474XC Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 236 page
background image
Electrical characteristics
STM32G474xB STM32G474xC STM32G474xE
170/236
DS12288 Rev 4
5.3.24
Temperature sensor characteristics
5.3.25
VBAT monitoring characteristics
Table 81. TS characteristics
Symbol
Parameter
Min
Typ
Max
Unit
TL(1)
1. Guaranteed by design.
VTS linearity with temperature
-
±1
±2
°C
Avg_Slope(1)
Average slope
2.3
2.5
2.7
mV/°C
V30
Voltage at 30°C (±5 °C)(2)
2. Measured at VDDA = 3.0 V ±10 mV. The V30 ADC conversion result is stored in the TS_CAL1 byte. Refer
to Table 5: Temperature sensor calibration values.
0.742
0.76
0.785
V
tSTART-RUN(1)
Start-up time in Run mode (start-up of buffer)
-
8
15
µs
tSTART_CONT(3)
3.
Continuous mode means RUN mode or Temperature Sensor ON.
Start-up time when entering in continuous
mode
-
70
120
µs
tS_temp(1)
ADC sampling time when reading the
temperature
5-
-
µs
IDD(TS)(1)
Temperature sensor consumption from VDD,
when selected by ADC
-4.7
7
µA
Table 82. VBAT monitoring characteristics
Symbol
Parameter
Min
Typ
Max
Unit
R
Resistor bridge for VBAT
-39
-
kΩ
QRatio on VBAT measurement
-
3
-
-
Er(1)
1. Guaranteed by design.
Error on Q
-10
-
10
%
tS_vbat(1)
ADC sampling time when reading the
VBAT
12
-
-
µs
Table 83. VBAT charging characteristics
Symbol
Parameter Conditions
Min
Typ
Max
Unit
RBC
Battery
charging
resistor
VBRS = 0
-
5
-
kΩ
VBRS = 1
-
1.5
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com