Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474XC Datasheet(PDF) 189 Page - STMicroelectronics

Part # STM32G474XC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XC Datasheet(HTML) 189 Page - STMicroelectronics

Back Button STM32G474XC Datasheet HTML 185Page - STMicroelectronics STM32G474XC Datasheet HTML 186Page - STMicroelectronics STM32G474XC Datasheet HTML 187Page - STMicroelectronics STM32G474XC Datasheet HTML 188Page - STMicroelectronics STM32G474XC Datasheet HTML 189Page - STMicroelectronics STM32G474XC Datasheet HTML 190Page - STMicroelectronics STM32G474XC Datasheet HTML 191Page - STMicroelectronics STM32G474XC Datasheet HTML 192Page - STMicroelectronics STM32G474XC Datasheet HTML 193Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 236 page
background image
DS12288 Rev 4
189/236
STM32G474xB STM32G474xC STM32G474xE
Electrical characteristics
201
Table 100. Asynchronous multiplexed PSRAM/NOR write timings(1)(2)
1. CL = 30 pF.
2. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
3 THCLK - 0.5 3 THCLK + 1
ns
tv(NWE_NE) FMC_NEx low to FMC_NWE low
THCLK - 0.5
THCLK + 1
tw(NWE)
FMC_NWE low time
THCLK - 2
THCLK + 1
th(NE_NWE) FMC_NWE high to FMC_NE high hold time
THCLK - 0.5
-
tv(A_NE)
FMC_NEx low to FMC_A valid
-
0
tv(NADV_NE) FMC_NEx low to FMC_NADV low
0
1.5
tw(NADV)
FMC_NADV low time
THCLK + 0.5
THCLK + 1.5
th(AD_NADV)
FMC_AD(address) valid hold time after
FMC_NADV high
THCLK - 3
-
th(A_NWE)
Address hold time after FMC_NWE high
Address hold
until next
write
operation
-
th(BL_NWE) FMC_BL hold time after FMC_NWE high
THCLK - 0.5
-
tv(BL_NE)
FMC_NEx low to FMC_BL valid
-
0
tv(Data_NADV) FMC_NADV high to Data valid
-
THCLK + 2
th(Data_NWE) Data hold time after FMC_NWE high
THCLK + 6
-
Table 101. Asynchronous multiplexed PSRAM/NOR write-NWAIT timings(1)(2)
1. CL = 30 pF.
2. Guaranteed by characterization results.
Symbol
Parameter
Min
Max
Unit
tw(NE)
FMC_NE low time
9 THCLK - 1
9 THCLK + 1
ns
tw(NWE)
FMC_NWE low time
6 THCLK - 1 6 THCLK + 0.5
tsu(NWAIT_NE) FMC_NWAIT valid before FMC_NEx high
7 THCLK + 17
-
th(NE_NWAIT) FMC_NEx hold time after FMC_NWAIT invalid 5 THCLK + 17
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com