Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474XC Datasheet(PDF) 218 Page - STMicroelectronics

Part # STM32G474XC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XC Datasheet(HTML) 218 Page - STMicroelectronics

Back Button STM32G474XC Datasheet HTML 214Page - STMicroelectronics STM32G474XC Datasheet HTML 215Page - STMicroelectronics STM32G474XC Datasheet HTML 216Page - STMicroelectronics STM32G474XC Datasheet HTML 217Page - STMicroelectronics STM32G474XC Datasheet HTML 218Page - STMicroelectronics STM32G474XC Datasheet HTML 219Page - STMicroelectronics STM32G474XC Datasheet HTML 220Page - STMicroelectronics STM32G474XC Datasheet HTML 221Page - STMicroelectronics STM32G474XC Datasheet HTML 222Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 236 page
background image
Package information
STM32G474xB STM32G474xC STM32G474xE
218/236
DS12288 Rev 4
6.6
TFBGA100 package information
TFBGA is a 100-ball, 8 x 8 mm, 0.8 mm pitch fine pitch ball grid array package.
Figure 68. TFBGA100 - outline
SEATING
PLANE
1
2
3
4
5
6
7
8
9
10
K
J
H
G
F
E
D
C
B
A
C
(100 BALLS)
b
eee
fff
CA
B
C
D
F
e
A1 ball
identifier
A1 ball
index
area
A
A08Q_ME_V1
D1
BOTTOM VIEW
TOP VIEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com