Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32G474XC Datasheet(PDF) 235 Page - STMicroelectronics

Part # STM32G474XC
Description  Arm® Cortex®-M4 32-bit MCUFPU, 170 MHz / 213 DMIPS, 128 KB SRAM, rich analog, math acc, 184 ps 12 chan Hi-res timer
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G474XC Datasheet(HTML) 235 Page - STMicroelectronics

Back Button STM32G474XC Datasheet HTML 228Page - STMicroelectronics STM32G474XC Datasheet HTML 229Page - STMicroelectronics STM32G474XC Datasheet HTML 230Page - STMicroelectronics STM32G474XC Datasheet HTML 231Page - STMicroelectronics STM32G474XC Datasheet HTML 232Page - STMicroelectronics STM32G474XC Datasheet HTML 233Page - STMicroelectronics STM32G474XC Datasheet HTML 234Page - STMicroelectronics STM32G474XC Datasheet HTML 235Page - STMicroelectronics STM32G474XC Datasheet HTML 236Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 235 / 236 page
background image
DS12288 Rev 4
235/236
STM32G474xB STM32G474xC STM32G474xE
Revision history
235
8
Revision history
Table 125. Document revision history
Date
Revision
Changes
15-May-2019
1
Initial release.
01-Oct-2019
2
Updated:
– Section 2: Description, Section 3.5: Embedded
SRAM,
– Table 2: STM32G474xB/xC/xE features and
peripheral counts, Table 17: General operating
conditions, Table 35: Peripheral current consumption,
Table 66: ADC characteristics, Table 67: Maximum
ADC RAIN, Table 89: SPI characteristics, Table 123:
Package thermal characteristics, Table 124: Ordering
information
Added: Table 71: ADC accuracy (Multiple ADCs
operation) - limited test conditions 1, Table 73: ADC
accuracy (Multiple ADCs operation) - limited test
conditions 3, Table 73: ADC accuracy (Multiple ADCs
operation) - limited test conditions 3
24-Apr-2020
3
Updated:
– Section 2: Description,
– Table 2: STM32G474xB/xC/xE features and
peripheral counts,
– Table 12: STM32G474xB/xC/xE pin definition
– Table 124: Ordering information
– Added:
– Section 4.9: UFBGA121 pinout description,
– Section 6.9: UFBGA121 package information:
03-Jun-2020
4
Updated:
– Table 2: STM32G474xB/xC/xE features and
peripheral counts,
– Table 36: Low-power mode wakeup timings
– Section 3.5: Embedded SRAM
Deleted:
– Table 23: Current consumption in Run and Low-power
run modes, code with data processing running from
Flash in single bank, ART disable
– Table 24: Current consumption in Run and Low-power
run modes, code with data processing running from
Flash in dual bank, ART disable
– Table 27: Typical current consumption in Run and
Low-power run modes, with different codes running
from Flash, ART disable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com