Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H750ZB Datasheet(PDF) 73 Page - STMicroelectronics

Part # STM32H750ZB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750ZB Datasheet(HTML) 73 Page - STMicroelectronics

Back Button STM32H750ZB Datasheet HTML 69Page - STMicroelectronics STM32H750ZB Datasheet HTML 70Page - STMicroelectronics STM32H750ZB Datasheet HTML 71Page - STMicroelectronics STM32H750ZB Datasheet HTML 72Page - STMicroelectronics STM32H750ZB Datasheet HTML 73Page - STMicroelectronics STM32H750ZB Datasheet HTML 74Page - STMicroelectronics STM32H750ZB Datasheet HTML 75Page - STMicroelectronics STM32H750ZB Datasheet HTML 76Page - STMicroelectronics STM32H750ZB Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 335 page
background image
DS12556 Rev 5
73/334
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
Pin descriptions
93
-
-
D14
132
A15
PI1
I/O
FT_h
-
TIM8_BKIN2,
SPI2_SCK/I2S2_CK,
TIM8_BKIN2_COMP12,
FMC_D25, DCMI_D8, LCD_G6,
EVENTOUT
-
-
-
C14
133
B15
PI2
I/O
FT_h
-
TIM8_CH4, SPI2_MISO/I2S2_SDI,
FMC_D26, DCMI_D9, LCD_G7,
EVENTOUT
-
-
-
C13
134
C14
PI3
I/O
FT_h
-
TIM8_ETR,
SPI2_MOSI/I2S2_SDO,
FMC_D27, DCMI_D10,
EVENTOUT
-
-
-
D9
135
-
VSS
S
-
-
-
-
-
-
C9
136
-
VDD
S
-
-
-
-
76
109
A14
137
B14
PA14
(JTCK/SWCLK)
I/O
FT
-
JTCK-SWCLK, EVENTOUT
-
77
110
A13
138
A14
PA15
(JTDI)
I/O
FT
-
JTDI, TIM2_CH1/TIM2_ETR,
HRTIM_FLT1, CEC,
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS, SPI6_NSS,
UART4_RTS/UART4_DE,
UART7_TX, EVENTOUT
-
78
111
B14
139
A13
PC10
I/O
FT_ha
-
HRTIM_EEV1, DFSDM1_CKIN5,
SPI3_SCK/I2S3_CK,
USART3_TX, UART4_TX,
QUADSPI_BK1_IO1,
SDMMC1_D2, DCMI_D8,
LCD_R2, EVENTOUT
-
79
112
B13
140
B13
PC11
I/O
FT_h
-
HRTIM_FLT2, DFSDM1_DATIN5,
SPI3_MISO/I2S3_SDI,
USART3_RX, UART4_RX,
QUADSPI_BK2_NCS,
SDMMC1_D3, DCMI_D4,
EVENTOUT
-
80
113
A12
141
C12
PC12
I/O
FT_h
-
TRACED3, HRTIM_EEV2,
SPI3_MOSI/I2S3_SDO,
USART3_CK, UART5_TX,
SDMMC1_CK, DCMI_D9,
EVENTOUT
-
-
-
G10
-
-
VSS
S
-
-
-
-
81
114
B12
142
D13
PD0
I/O
FT_h
-
DFSDM1_CKIN6, SAI3_SCK_A,
UART4_RX, FDCAN1_RX,
FMC_D2/FMC_DA2, EVENTOUT
-
Table 7. STM32H750xB pin/ball definition (continued)
Pin/ball name
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com