Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STM32H750ZB Datasheet(PDF) 74 Page - STMicroelectronics

Part # STM32H750ZB
Description  32-bit Arm® Cortex®-M7 480MHz MCUs, 128 Kbyte Flash, 1 Mbyte RAM, 46 com. and analog interfaces, crypto
PDF  335 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H750ZB Datasheet(HTML) 74 Page - STMicroelectronics

Back Button STM32H750ZB Datasheet HTML 70Page - STMicroelectronics STM32H750ZB Datasheet HTML 71Page - STMicroelectronics STM32H750ZB Datasheet HTML 72Page - STMicroelectronics STM32H750ZB Datasheet HTML 73Page - STMicroelectronics STM32H750ZB Datasheet HTML 74Page - STMicroelectronics STM32H750ZB Datasheet HTML 75Page - STMicroelectronics STM32H750ZB Datasheet HTML 76Page - STMicroelectronics STM32H750ZB Datasheet HTML 77Page - STMicroelectronics STM32H750ZB Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 335 page
background image
Pin descriptions
STM32H750VB STM32H750ZB STM32H750IB STM32H750XB
74/334
DS12556 Rev 5
82
115
C12
143
E12
PD1
I/O
FT_h
-
DFSDM1_DATIN6, SAI3_SD_A,
UART4_TX, FDCAN1_TX,
FMC_D3/FMC_DA3, EVENTOUT
-
83
116
D12
144
D12
PD2
I/O
FT_h
-
TRACED2, TIM3_ETR,
UART5_RX, SDMMC1_CMD,
DCMI_D11, EVENTOUT
-
84
117
D11
145
B12
PD3
I/O
FT_h
-
DFSDM1_CKOUT,
SPI2_SCK/I2S2_CK,
USART2_CTS/USART2_NSS,
FMC_CLK, DCMI_D5, LCD_G7,
EVENTOUT
-
85
118
D10
146
A12
PD4
I/O
FT_h
-
HRTIM_FLT3, SAI3_FS_A,
USART2_RTS/USART2_DE,
FDCAN1_RXFD_MODE,
FMC_NOE, EVENTOUT
-
86
119
C11
147
A11
PD5
I/O
FT_h
-
HRTIM_EEV3, USART2_TX,
FDCAN1_TXFD_MODE,
FMC_NWE, EVENTOUT
-
-
120
D8
148
-
VSS
S
-
-
-
-
-
121
C8
149
-
VDD
S
-
-
-
-
87
122
B11
150
B11
PD6
I/O
FT_h
-
SAI1_D1, DFSDM1_CKIN4,
DFSDM1_DATIN1,
SPI3_MOSI/I2S3_SDO,
SAI1_SD_A, USART2_RX,
SAI4_SD_A,
FDCAN2_RXFD_MODE,
SAI4_D1, SDMMC2_CK,
FMC_NWAIT, DCMI_D10,
LCD_B2, EVENTOUT
-
88
123
A11
151
C11
PD7
I/O
FT_h
-
DFSDM1_DATIN4,
SPI1_MOSI/I2S1_SDO,
DFSDM1_CKIN1, USART2_CK,
SPDIFRX1_IN1, SDMMC2_CMD,
FMC_NE1, EVENTOUT
-
-
-
-
-
D11
PJ12
I/O
FT
-
TRGOUT, LCD_G3, LCD_B0,
EVENTOUT
-
-
-
-
-
E10
PJ13
I/O
FT
-
LCD_B4, LCD_B1, EVENTOUT
-
-
-
-
-
D10
PJ14
I/O
FT
-
LCD_B2, EVENTOUT
-
-
-
-
-
B10
PJ15
I/O
FT
-
LCD_B3, EVENTOUT
-
-
-
H6
-
-
VSS
S
-
-
-
-
--
-
-
-
VDD
S
-
-
-
-
Table 7. STM32H750xB pin/ball definition (continued)
Pin/ball name
Pin name
(function after
reset)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com