Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STSPIN840 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STSPIN840
Description  Compact dual brushed DC motor driver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN840 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STSPIN840 Datasheet HTML 10Page - STMicroelectronics STSPIN840 Datasheet HTML 11Page - STMicroelectronics STSPIN840 Datasheet HTML 12Page - STMicroelectronics STSPIN840 Datasheet HTML 13Page - STMicroelectronics STSPIN840 Datasheet HTML 14Page - STMicroelectronics STSPIN840 Datasheet HTML 15Page - STMicroelectronics STSPIN840 Datasheet HTML 16Page - STMicroelectronics STSPIN840 Datasheet HTML 17Page - STMicroelectronics STSPIN840 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Detailed description
STSPIN840
14/28
DocID031835 Rev 1
PARALLEL mode
The device can operate in parallel mode by forcing the PARALLEL input pin high.
In this operation mode both the full bridges are driven by the ENA, PWMA and PHA inputs.
The PWM current control comparator of the bridge B is disabled, and bridge A one drives
both the power stages.
The resulting single full-bridge power stage allows an increase in the output current
capability and reduce the device power dissipation. The outputs and sense pins
configuration must be:
OUT1A connected with OUT1B
OUT2A connected with OUT2B
All SENSE and SNS pins connected together as shown in Figure 5.
The ENA\FAULTA pin is also used as FAULT indication through the integrated open-drain
MOSFETs as described in Section 5.4 and Section 5.4.3 on page 21.
Note:
In parallel mode the ENB\FAULTB pin is forced low.
Figure 5. PARALLEL mode typical application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com