| Electronic Components Datasheet Search |
|
STSPIN840 Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STSPIN840 Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 28 page ![]() DocID031835 Rev 1 15/28 STSPIN840 Detailed description 28 5.3 PWM current control The device implements two independent PWM current controllers, one for each full bridge. The bridge current is sensed through the SNS pins monitoring the voltage drop across an external resistor connected between the source of the low side power MOSFET (SENSE pins) and ground. The voltage of the SNS pins (VSNSA and VSNSB) is compared to the respective reference voltage pin (VREFA and VREFB). When VSNSX > VREFX the current limiter is triggered, the OFF time counter is started and the low sides of the full bridge are turned on (slow decay) until the end of count of the timer. During current decays the inputs values are ignored until the system returns to ON condition (decay time expired). The reference voltage value, VREF, has to be selected according the load current target value (peak value) and sense resistors value. Equation 1 VREF = RSENSE ILOAD,peak Table 8. ON and slow decay states PHx(1) 1. When the device works in parallel mode the PHA and PWMA inputs drive both Full bridge A and B. PWMx(1) ON Slow decay 00 HSx1 = OFF LSx1 = ON HSx2 = OFF LSx2 = ON HSx1 = OFF LSx1 = ON HSx2 = OFF LSx2 = ON 01 HSx1 = OFF LSx1 = ON HSx2 = ON LSx2 = OFF HSx1 = OFF LSx1 = ON HSx2 = OFF LSx2 = ON 10 HSx1 = OFF LSx1 = ON HSx2 = OFF LSx2 = ON HSx1 = OFF LSx1 = ON HSx2 = OFF LSx2 = ON 11 HSx1 = ON LSx1 = OFF HSx2 = OFF LSx2 = ON HSx1 = OFF LSx1 = ON HSx2 = OFF LSx2 = ON |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |