Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADPDC2J04AC Datasheet(PDF) 3 Page - C&K Components

Part # ADPDC2J04AC
Description  General Purpose Snap-acting Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ADPDC2J04AC Datasheet(HTML) 3 Page - C&K Components

  ADPDC2J04AC Datasheet HTML 1Page - C&K Components ADPDC2J04AC Datasheet HTML 2Page - C&K Components ADPDC2J04AC Datasheet HTML 3Page - C&K Components ADPDC2J04AC Datasheet HTML 4Page - C&K Components ADPDC2J04AC Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
J
J–83
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
A Series
General Purpose Snap-acting Switches
OPERATING FORCE
ELECTRICAL RATING
NOTE: Operating force varies with actuator, see ACTUATOR option section.
• AVAILABLE
x NOTAVAILABLE
•
F5
x
•
•
•
F3
•
••
•
C2
OPERATING FORCE
(OZ./GRAMS)
ELECTRICAL
RATING
AVAILABLE COMBINATIONS
GG
KH
PD
PF
5
20
30
40
142
567
850
1134
•
•
•
From low level* to 1 AMP @ 125 V AC, 30 V DC.
Gold alloy on brass base
alloy.
Gold alloy.
F5
25 AMPS @ 125 & 250 V AC; 1 HP @ 125 V AC;
2 HP @ 250 V AC; 2 AMPS @ 24 V DC.
Silver welded on copper
base alloy.
Silver alloy.
F3
15 AMPS @ 125 & 250 V AC; 3/4 HP @ 125 V AC;
1-1/2 HP @ 250 V AC.
Fine silver welded on brass
base alloy.
Fine silver.
C2
ELECTRICALRATING
CONTACT MATERIAL
MOVABLE CONTACT
STATIONARY CONTACT
OPTION CODE
All models
with all options.
Contact Customer Service Center for availability and delivery of nonstandard ratings.
* Low Level=conditions where no arcing occurs during switching,
i.e., 0.4 VA max. @ 20 V AC or DC max.
* Note: See Technical Data section of this catalog for RoHS compliant and compatible definition and specifications.
40
1134
DP
PF
5
142
SP
GG
30
850
DP
PD
20
567
SP
KH
BASICSWITCH
OPERATING FORCE
(OZ./GRAMS)
NO.
POLES
OPTION CODE
14 Jan 19



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com