Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADPDC2J04AC Datasheet(PDF) 4 Page - C&K Components

Part # ADPDC2J04AC
Description  General Purpose Snap-acting Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ADPDC2J04AC Datasheet(HTML) 4 Page - C&K Components

  ADPDC2J04AC Datasheet HTML 1Page - C&K Components ADPDC2J04AC Datasheet HTML 2Page - C&K Components ADPDC2J04AC Datasheet HTML 3Page - C&K Components ADPDC2J04AC Datasheet HTML 4Page - C&K Components ADPDC2J04AC Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ckswitches.com
A Series
General Purpose Snap-acting Switches
ACTUATOR
FIG. 1
High Overtravel Plunger
A
B
FIG. 2
Leaf
A
B
C
FIG. 3
Lever Roller
A
B
C
D
E
A
B
C
D
E
F
FIG. 4
Lever roller (High Force)
FIG. 5
High Overtravel Plunger
Torque 20 in/lbs max. (Nut)
A
B
C
D
.322 .003
(8,18 0,08)
.380±.003
?
(9,65±0,08)
PANEL MOUNTING
A
B
C
FIG. 6
B1 – Black Button
BB – Red Button
6-32 NC THD
2 places
PANEL MOUNTING
0.144 DIA. min
2 places
NOTE: The “H0” high overtravel plunger option
provides .100 (2,54) min. overtravel and longer
mechanical life (1,000,000 operations typical).
FIG. 7
Lever
A
B
C
D
FIG. 8
Leaf Roller
A
B
C
D
J
J–84
—
—
.25 dia.
(6,4Ø)
.38
(9,6)
.670 ± .030
(17,02 ± 0,76)
.50
(12,7)
5
Q0
—
—
—
.50
(12,7)
.312 ± .062
(17,92 ± 1,57)
1.62
(41,1)
2
L0
—
—
.25 dia.
(6,4Ø)
.38
(9,7)
.810 ± .030
(20,6 ± 0,8)
.50
(12,7)
5
J0
—
—
—
.98 dia.
(24,9Ø)
.40 ± 0.1
(10,2 ± 2.54)
1.50
(38,1)
6
BB
—
—
—
.98 dia.
(24,9Ø)
.40 ± 0.1
(10,2 ± 2.54)
1.50
(38,1)
6
B1
—
—
.50
(12,7)
.375 dia.
(9,53Ø)
.718 ± .062
(18,24 ± 1,57)
1.25
(31,8)
4
A2
—
.50
(12,7)
.50
(12,7)
.375 dia.
(9,53Ø)
.718 ± .062
(18,24 ± 1,57)
1.38
(35,1)
3
A0
—
—
—
—
.285 ± .030
(7,24 ± 0,76)
.50
(12,7)
1
P0
DIM. F
DIM. E
DIM. D
DIM. C
DIM. B
DIM. A
FIG.
OPTION
CODE
T0
W0
7
8
1.50
(38,1)
1.50
(38,1)
.318 ± .062
(8,08 ± 1,57)
.801 ± .062
(20,34 ± 1,57)
.50
(12,7)
.375 dia.
(9,53ø)
.50
(12,7)
.50
(12,7)
—
—
—
—
14 Jan 19



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com