Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC8413LP2FETR Datasheet(PDF) 3 Page - Analog Devices

Part # HMC8413LP2FETR
Description  Low Noise Amplifier, 0.01 GHz to 9 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8413LP2FETR Datasheet(HTML) 3 Page - Analog Devices

  HMC8413LP2FETR Datasheet HTML 1Page - Analog Devices HMC8413LP2FETR Datasheet HTML 2Page - Analog Devices HMC8413LP2FETR Datasheet HTML 3Page - Analog Devices HMC8413LP2FETR Datasheet HTML 4Page - Analog Devices HMC8413LP2FETR Datasheet HTML 5Page - Analog Devices HMC8413LP2FETR Datasheet HTML 6Page - Analog Devices HMC8413LP2FETR Datasheet HTML 7Page - Analog Devices HMC8413LP2FETR Datasheet HTML 8Page - Analog Devices HMC8413LP2FETR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Data Sheet
HMC8413
Rev. 0 | Page 3 of 21
SPECIFICATIONS
0.01 GHz TO 7 GHz FREQUENCY RANGE
VDD = 5 V, supply current (IDQ) = 95 mA, RBIAS = 787 Ω, and TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
0.01
7
GHz
GAIN
17.5
19.5
dB
Gain Variation over Temperature
0.013
dB/°C
NOISE FIGURE
1.9
dB
RETURN LOSS
Input
15
dB
Output
18
dB
OUTPUT
Output Power for 1 dB Compression (OP1dB)
19
21.5
dBm
PSAT
22
dBm
OIP3
35
dBm
Measurement taken at output power (POUT) per
tone = 5 dBm
Output Second-Order Intercept (OIP2)
39
dBm
Measurement taken at POUT per tone = 5 dBm
POWER ADDED EFFICIENCY (PAE)
37
%
Measured at PSAT
SUPPLY
IDQ
95
mA
VDD
2
5
6
V
7 GHz TO 9 GHz FREQUENCY RANGE
VDD = 5 V, IDQ = 95 mA, RBIAS = 787 Ω, and TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
7
9
GHz
GAIN
17
19
dB
Gain Variation over Temperature
0.02
dB/°C
NOISE FIGURE
2.8
dB
RETURN LOSS
Input
12
dB
Output
15
dB
OUTPUT
OP1dB
16.5
19
dBm
PSAT
21
dBm
OIP3
33
dBm
Measurement taken at POUT per tone = 5 dBm
OIP2
45
dBm
Measurement taken at POUT per tone = 5 dBm
PAE
22
%
Measured at PSAT
SUPPLY
IDQ
95
mA
VDD
2
5
6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com