Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC8413LP2FETR Datasheet(PDF) 20 Page - Analog Devices

Part # HMC8413LP2FETR
Description  Low Noise Amplifier, 0.01 GHz to 9 GHz
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8413LP2FETR Datasheet(HTML) 20 Page - Analog Devices

Back Button HMC8413LP2FETR Datasheet HTML 13Page - Analog Devices HMC8413LP2FETR Datasheet HTML 14Page - Analog Devices HMC8413LP2FETR Datasheet HTML 15Page - Analog Devices HMC8413LP2FETR Datasheet HTML 16Page - Analog Devices HMC8413LP2FETR Datasheet HTML 17Page - Analog Devices HMC8413LP2FETR Datasheet HTML 18Page - Analog Devices HMC8413LP2FETR Datasheet HTML 19Page - Analog Devices HMC8413LP2FETR Datasheet HTML 20Page - Analog Devices HMC8413LP2FETR Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
HMC8413
Data Sheet
Rev. 0 | Page 20 of 21
BIASING THE HMC8413 USING THE LT3470A
The HMC8413 can be powered by using a well regulated power
source. The LT3470A micropower, step-down, dc-to-dc converter
is recommended to provide a 5 V supply to RFOUT/VDD. The
regulator is designed for a wide input voltage range while
maintaining a high efficiency and high power supply modulation
ratio (PSMR). Using the LT3470A as a power supply for the
HMC8413 results in high PSMR, and dynamic performance is
achieved without degradation. Figure 75 shows the application
circuit for the HMC8413 using the LT3470A regulator.
HMC8413
LT3470A
1
GND
GND
C1
RFIN
RFOUT
0.1µF
C4
VDD
VIN
5.7V TO 40V
0.1µF
C5
0.1µF
C2
0.1µF
L1
0.14µH
L2
0.9µH
3
2
6
4
5
GND
GND
C3
10pF
R1
15Ω
200kΩ
1%
604kΩ
1%
R2
787Ω
22µF
VIN
BOOST
SW
SHDN
OFF ON
BIAS
FB
GND
22µF
22µF
Figure 75. Application Circuit for the HMC8413 Using the LT3470A Regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com