Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EC001663 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # EC001663
Description  Socket - EO-CF/UT/YE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

EC001663 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  EC001663 Datasheet HTML 1Page - PHOENIX CONTACT EC001663 Datasheet HTML 2Page - PHOENIX CONTACT EC001663 Datasheet HTML 3Page - PHOENIX CONTACT EC001663 Datasheet HTML 4Page - PHOENIX CONTACT EC001663 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/pi/products/1068038
09/12/2020   Page 3 / 5
Socket - EO-CF/UT/YE - 1068038
Circuit diagram
Classifications
eCl@ss
eCl@ss 10.0.1
27142305
eCl@ss 8.0
27142305
eCl@ss 9.0
27142305
ETIM
ETIM 5.0
EC001663
ETIM 6.0
EC001663
ETIM 7.0
EC001663
Approvals
Approvals
Approvals
VDE Zeichengenehmigung / EAC-RoHS / EAC
Ex Approvals
Approval details
VDE Zeichengenehmigung 
 http://www2.vde.com/de/Institut/Online-Service/
VDE-gepruefteProdukte/Seiten/Online-Suche.aspx
 40047711
 
 
Nominal voltage UN
250 V
Nominal current IN
16 A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com