Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EC001663 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # EC001663
Description  Socket - EO-CF/UT/YE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

EC001663 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  EC001663 Datasheet HTML 1Page - PHOENIX CONTACT EC001663 Datasheet HTML 2Page - PHOENIX CONTACT EC001663 Datasheet HTML 3Page - PHOENIX CONTACT EC001663 Datasheet HTML 4Page - PHOENIX CONTACT EC001663 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/pi/products/1068038
09/12/2020   Page 1 / 5
Socket - EO-CF/UT/YE - 1068038
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Socket, Pin connector pattern type CF, yellow, for mounting on a DIN rail in the service interface or direct
mounting, 250 V AC, 16 A, -20 °C, 60 °C, VDE 0620-1
Key Commercial Data
Packing unit
5 pc
Minimum order quantity
5 pc
GTIN
GTIN
4055626739823
Technical data
Dimensions
Width
45 mm
Height
75 mm
Depth
60 mm
Ambient conditions
Ambient temperature (operation)
-20 °C ... 60 °C
General
Nominal voltage UN
250 V AC (50 Hz)
Nominal current IN
16 A
Status display
No
Contact material
CuZn37
Color
yellow
Insulating material
PA
Flammability rating according to UL 94
V0
Standards/regulations
VDE 0620-1
Country ID
Germany


Similar Part No. - EC001663

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
EC001663 PHOENIX-EC001663 Datasheet
180Kb / 5P
Socket - EO-AB/PT/15
01/21/2022
EC001663 PHOENIX-EC001663 Datasheet
171Kb / 5P
Socket - EO-AB/PT/LED/15
01/21/2022
EC001663 PHOENIX-EC001663 Datasheet
178Kb / 4P
Socket - EO-AB/PT/S/15
01/21/2022
EC001663 PHOENIX-EC001663 Datasheet
181Kb / 5P
Socket - EO-AB/PT/LED/S/15
01/21/2022
More results

Similar Description - EC001663

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
CF2A-50-SG-R ADAM-TECH-CF2A-50-SG-R Datasheet
128Kb / 1P
CF TYPE SOCKET
CFE-50-LXX ADAM-TECH-CFE-50-LXX Datasheet
70Kb / 1P
CF SOCKET EJECTOR
CFR-50-A-SG-2 ADAM-TECH-CFR-50-A-SG-2 Datasheet
146Kb / 1P
CF TYPE SOCKET
logo
PHOENIX CONTACT
3045059 PHOENIX-3045059 Datasheet
162Kb / 6P
UT 2,5 YE
3045114 PHOENIX-3045114 Datasheet
145Kb / 6P
UT 4 YE
3045172 PHOENIX-3045172 Datasheet
144Kb / 6P
UT 6 YE
3046294 PHOENIX-3046294 Datasheet
384Kb / 15P
Feed-through terminal block - UT 10 YE
0804165 PHOENIX-0804165 Datasheet
180Kb / 5P
Socket - EO-AB/PT/15
01/21/2022
1263627 PHOENIX-1263627 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/20
Nov 16, 2022
1263628 PHOENIX-1263628 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/15
Nov 16, 2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com