Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2203749 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2203749
Description  Seal - DCS D-SEAL 3,0MM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2203749 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2203749 Datasheet HTML 1Page - PHOENIX CONTACT 2203749 Datasheet HTML 2Page - PHOENIX CONTACT 2203749 Datasheet HTML 3Page - PHOENIX CONTACT 2203749 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2203749
09/12/2020   Page 3 / 4
Seal - DCS D-SEAL 3,0MM - 2203749
Accessories
Electronic housing - DCS 5,7 L 1F R BP 1 7035 - 2203175
Display housing, 5.7", light gray, consisting of two half shells, four front plates with screws and battery pack contacts,
window on the left. Front 1.1 mm recessed, keypad area on the right, recessed for battery pack
 
 
Electronic housing - DCS 5,7 L 1F R W C 7035 - 2203176
Display housing, 5.7", light gray, consisting of two half shells with screws, window on the left. Front 1.1 mm recessed,
keypad area on the right recessed for wall installation
 
 
Electronic housing - DCS 7 M C O C 1 7035 - 2203183
Display housing, 7", light gray, central window, front level, consisting of two half shells, four front plates with screws
 
 
Electronic housing - DCS 7 M C O BP C 7035 - 2203184
Display housing, 7", light gray, central window, front level, for battery pack consisting of two half shells, with screws
and battery pack contacts
 
 
Electronic housing - DCS 15 M C O C C 7035 - 2203189
Display housing, 15", light gray, central window, front level, consisting of two half shells with screws
 
 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com