Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2203749 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2203749
Description  Seal - DCS D-SEAL 3,0MM
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2203749 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2203749 Datasheet HTML 1Page - PHOENIX CONTACT 2203749 Datasheet HTML 2Page - PHOENIX CONTACT 2203749 Datasheet HTML 3Page - PHOENIX CONTACT 2203749 Datasheet HTML 4Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
https://www.phoenixcontact.com/pi/products/2203749
09/12/2020   Page 1 / 4
Seal - DCS D-SEAL 3,0MM - 2203749
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Sealing strip, self-adhesive, for displays of the DCS housing series (roll: 100 m)
Your advantages
 Item belongs to the DCS product range
 Display housings for mobile and stationary operator panels
 Integration of TFT display and membrane keypads
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626485553
Technical data
Item properties
Type
DCS D-SEAL 3,0MM
Order No.
2203749
Housing type
Display carrier
Measurements
Width [ w ]
2 mm
Depth [ d ]
2 mm
Packaging information
Pieces per package
1
Denomination packing units
Pcs.


Similar Part No. - 2203749

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2203718 PHOENIX-2203718 Datasheet
191Kb / 6P
UCS WM-B 7035 - Wall bracket
2203719 PHOENIX-2203719 Datasheet
52Kb / 2P
Wall bracket - UCS WM-B 9005
07/24/2019
2203720 PHOENIX-2203720 Datasheet
179Kb / 4P
UCS CS 7035 - Stacking adapters
2203721 PHOENIX-2203721 Datasheet
183Kb / 4P
UCS CS 9005 - Stacking adapters
2203763 PHOENIX-2203763 Datasheet
350Kb / 7P
BC 107,6 OT U22 BK - Upper housing part
More results

Similar Description - 2203749

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TGX-8 ETC-TGX-8 Datasheet
67Kb / 1P
Ceramic Glass Seal
logo
Tyco Electronics
016213-000 MACOM-016213-000 Datasheet
103Kb / 1P
FEEDTHROUGH SEAL
logo
TE Connectivity Ltd
C-281934 TEC-C-281934 Datasheet
179Kb / 1P
SINGLE WIRE SEAL
logo
Rosenberger Hochfrequen...
59K14B-1M4 ROSENBERGER-59K14B-1M4 Datasheet
538Kb / 1P
CABLE SEAL
08Z101-00A ROSENBERGER-08Z101-00A Datasheet
174Kb / 2P
Glass Seal
02Z101-000 ROSENBERGER-02Z101-000 Datasheet
90Kb / 2P
GLASS-SEAL
logo
PHOENIX CONTACT
1410695 PHOENIX-1410695 Datasheet
58Kb / 2P
Seal - SAC-VP-SEAL-SIL/RD OD
1408054 PHOENIX-1408054 Datasheet
55Kb / 3P
Seal - HC-D 25-PR-DI
1400374 PHOENIX-1400374 Datasheet
65Kb / 3P
Seal - VS-ASI-FC-SEAL-HP
09/11/2020
logo
Pepperl+Fuchs Inc.
VAZ-PG11-FKD PF-VAZ-PG11-FKD Datasheet
96Kb / 1P
Seal
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com