Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4110 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4110
Description  2.5A Supercapacitor Backup Power Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4110 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4110 Datasheet HTML 9Page - Analog Devices LTC4110 Datasheet HTML 10Page - Analog Devices LTC4110 Datasheet HTML 11Page - Analog Devices LTC4110 Datasheet HTML 12Page - Analog Devices LTC4110 Datasheet HTML 13Page - Analog Devices LTC4110 Datasheet HTML 14Page - Analog Devices LTC4110 Datasheet HTML 15Page - Analog Devices LTC4110 Datasheet HTML 16Page - Analog Devices LTC4110 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC4041
13
Rev A
For more information www.analog.com
Figure 1 shows the buck charger operating in discon-
tinuous mode. The supercapacitor voltage is at 0V and
the charge current is programmed to 500mA. The VSYS
voltage ripple, which is also shown in the same figure, is
about 14mV in this example.
Figure 1. Charge Current Waveform for VSCAP <1V
OPERATION
Charge Termination
The charge voltage of the supercapacitor (or the stack) is
set by an external resistor divider connected between the
SCAP pin and ground with its midpoint connected to the
CAPFB pin. As the voltage on the supercapacitor reaches
the pre-set charge voltage, the constant-voltage (CV) loop
of the buck charger starts to regulate the supercapacitor
voltage and the charge current decreases naturally. Once
the charge current drops to 12.5% of the programmed
charge current, the buck charger is disabled and no
charge current will be delivered to the supercapacitor. To
enable the buck charger and resume charging, the super-
capacitor voltage has to fall below the automatic recharge
threshold.
Automatic Recharge
Once the supercapacitor charger terminates, it remains
off drawing only microamperes of current from the super-
capacitor. To ensure that the supercapacitor is always
topped off, a charge cycle automatically begins when
the supercapacitor voltage falls below VRECHRG (typically
97.5%). To prevent brief excursions below VRECHRG from
enabling/disabling the buck charger unnecessarily, the
supercapacitor voltage must be below VRECHRG for at least
5ms (typical) for the charger to be re-enabled.
Supercapacitor Charge Status Indication via the
CAPGD Pin
The CAPGD pin is an open-drain output used to indicate
that the supercapacitor (or the stack) voltage has reached
92.5% of its regulation point. The CAPGD pin is pulled
low until the supercapacitor voltage is above 92.5% of
the final charge voltage at which point the CAPGD pin
becomes high impedance. The supercapacitor voltage has
to fall below 90% of the regulation point to pull the CAPGD
pin low again. The CAPGD pin requires an external pull-up
resistor to either the VSYS pin or to another appropriate
power source. When the charger is disabled, the CAPGD
pin is pulled low.
Supercapacitor Balancer
The LTC4041 has an internal balancer that servos the mid-
point of a stack of two supercapacitors, i.e. the BAL pin
voltage, to half the stack voltage (VSCAP). To activate the
balancer, tie the CAPSEL pin high to indicate that a stack
of two supercapacitors is connected to the SCAP pin with
the midpoint of the stack connected to the BAL pin. The
source/sink capability of the internal balancer is typically
±50mA with VSCAP at 5V. The balancer will try to balance
the stack of supercapacitors even after charging is com-
pleted. The balancer circuitry is disabled if the charger is
disabled. The balancer is also disabled if the CAPSEL pin
is low. When a single supercapacitor is connected to the
SCAP pin, tie the CAPSEL pin low and float the BAL pin.
Differential Undervoltage Lockout
An undervoltage lockout circuit monitors the differential
voltage between VSYS and SCAP and shuts off the char-
ger if the SCAP voltage reaches within 50mV of the VSYS
voltage. Charging does not resume until this difference
increases to 150mV.
CSYS = 100µF
12µs/DIV
VSYS
20mV/DIV
0A
ISCAP
500mA/DIV
AC–COUPLED
4041 F01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com