Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4110 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC4110
Description  2.5A Supercapacitor Backup Power Manager
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4110 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC4110 Datasheet HTML 17Page - Analog Devices LTC4110 Datasheet HTML 18Page - Analog Devices LTC4110 Datasheet HTML 19Page - Analog Devices LTC4110 Datasheet HTML 20Page - Analog Devices LTC4110 Datasheet HTML 21Page - Analog Devices LTC4110 Datasheet HTML 22Page - Analog Devices LTC4110 Datasheet HTML 23Page - Analog Devices LTC4110 Datasheet HTML 24Page - Analog Devices LTC4110 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTC4041
21
Rev A
For more information www.analog.com
APPLICATIONS INFORMATION
Supercapacitor Charger Stability Considerations
The LTC4041’s switching supercapacitor charger contains
three control loops: constant-voltage, constant-current,
and input current limit loop, all of which are internally
compensated. However, various external variables like
load and component values may interfere with the inter-
nal compensation and cause instability.
In constant-current mode, the PROG pin is in the feedback
loop rather than the SCAP pin. Because of the additional
pole created by any PROG pin capacitance, capacitance on
this pin must be kept to a minimum. For the constant-cur-
rent loop to be stable, the pole frequency at the PROG pin
should be kept above 1MHz. Therefore, if the PROG pin
has a parasitic capacitance, CPROG, the following equa-
tion should be used to calculate the maximum resistance
value for RPROG:
RPROG ≤
1
2π • 1MHz • CPROG
Alternatively, for RPROG = 4k (500mA setting), the maxi-
mum allowable capacitance on the PROG pin is 40pF. If
any measuring device is attached to the PROG pin for
monitoring the charge current, a 1M isolation resistor
should be inserted between the PROG pin and the device.
Backup Boost Stability Considerations
The LTC4041’s backup boost converter is internally com-
pensated. However, system capacitance less than 100µF
or over 1000μF will adversely affect the phase margin and
hence the stability of the converter. Also, if the right-half-
plane (RHP) zero moves down in frequency due to exter-
nal load conditions or the choice of the inductor value,
the phase margin may be reduced to a point which causes
instability. If the output power is POUT, inductor value is
L, efficiency is η, and the input to the boost converter
is VSCAP, the RHP zero frequency can be expressed as
follows:
fRHP =
VSCAP
(
)
2
2 • π • L • POUT
• η
For the LTC4041’s backup boost to be able to supply
12.5W of output power (2.5A at 5V) from a stack of
supercapacitors charged to 3.2V, the maximum inductor
size should not exceed 2.2μH because of the RHP zero
consideration. Also, too much resistance between the
supercapacitor and the SCAP pin can lower the effective
input voltage of the boost converter causing the RHP zero
to shift lower in frequency and thus causing instability.
This is why it is important to minimize the lead resistance
and place the supercapacitor as close to the SCAP pin as
possible.
PCB Layout Considerations
Since the LTC4041 includes a high-current high-frequency
switching converter, the following guidelines should be
followed in the printed circuit board (PCB) layout in order
to achieve optimum performance and minimum electro-
magnetic interference (EMI).
1. Even though the converter can operate in both step-
down (buck) and step-up (boost) mode, there is only
one hot-loop containing high-frequency switching
currents. The simplified diagram in Figure 3 can be
used to explain the hot-loop in the LTC4041 switch-
ing converter. Current follows the blue loop when the
switch S2 (NMOS) is closed and the red loop when
switch S1 (PMOS) is closed. So it is evident that the
current in the CSCAP capacitor is continuous whereas
the CSYS current is discontinuous forming a hot loop
with the VSYS pins and GND as indicated by the green
loop. Since the amount of EMI is directly proportional
to the area of this loop, the VSYS capacitor, prioritized
over all else, should be placed as close to the VSYS
pins as possible and the ground side of the capacitor
should return to the ground plane through an array
of vias.
Figure 3. Hot-Loop Illustration for
the LTC4041 Switching Converter
VSCAP
HOT LOOP
CSCAP
4041 F03
CSYS
S2
S1
L1
VSYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com