Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MR25H256AMDFR Datasheet(PDF) 21 Page - Everspin Technologies Inc.

Part # MR25H256AMDFR
Description  256Kb Serial SPI MRAM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERSPIN [Everspin Technologies Inc.]
Direct Link  https://www.everspin.com/
Logo EVERSPIN - Everspin Technologies Inc.

MR25H256AMDFR Datasheet(HTML) 21 Page - Everspin Technologies Inc.

Back Button MR25H256AMDFR Datasheet HTML 16Page - Everspin Technologies Inc. MR25H256AMDFR Datasheet HTML 17Page - Everspin Technologies Inc. MR25H256AMDFR Datasheet HTML 18Page - Everspin Technologies Inc. MR25H256AMDFR Datasheet HTML 19Page - Everspin Technologies Inc. MR25H256AMDFR Datasheet HTML 20Page - Everspin Technologies Inc. MR25H256AMDFR Datasheet HTML 21Page - Everspin Technologies Inc. MR25H256AMDFR Datasheet HTML 22Page - Everspin Technologies Inc. MR25H256AMDFR Datasheet HTML 23Page - Everspin Technologies Inc. MR25H256AMDFR Datasheet HTML 24Page - Everspin Technologies Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
Copyright © 2018 Everspin Technologies
MR25H256 / MR25H256A Rev. 1.5 3/2018
MR25H256 / MR25H256A
A
D
B
C
G
K
F
H
L
M
E
F
1
4
5
J
I
Detail A
Detail A
Pin 1 Index
0.10 C
2X
0.10 C
2X
8
NOTE:
1. All dimensions are in mm. Angles in degrees.
2. Coplanarity applies to the exposed pad as well as the terminals. Coplanarity shall be
within 0.08 mm.
3. Refer to JEDEC MO-229-E
PACKAGE OUTLINE DRAWINGS
Figure 17 – 8-DFN Small Flag Package
Exposed metal Pad. Do not con-
nect anything except V
SS
Dimension
A
B
C
D
E
F
G
H
I
J
K
L
M
Max
5.10
6.10
0.90
-
0.45
0.05
1.54
0.70
2.10
2.10
0.210
-
-
Nominal
5.00
6.00
0.85
1.27
BSC
0.40
-
1.40
0.60
2.00
2.00
0.200
C0.45
R0.20
Min
4.90
5.90
0.80
-
0.35
0.00
1.26
0.50
1.90
1.90
0.190
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com