Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD7100APWPR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100APWPR
Description  UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100APWPR Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCD7100APWPR Datasheet HTML 7Page - Texas Instruments UCD7100APWPR Datasheet HTML 8Page - Texas Instruments UCD7100APWPR Datasheet HTML 9Page - Texas Instruments UCD7100APWPR Datasheet HTML 10Page - Texas Instruments UCD7100APWPR Datasheet HTML 11Page - Texas Instruments UCD7100APWPR Datasheet HTML 12Page - Texas Instruments UCD7100APWPR Datasheet HTML 13Page - Texas Instruments UCD7100APWPR Datasheet HTML 14Page - Texas Instruments UCD7100APWPR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
9 Detailed Description
9.1 Overview
The UCD7100 is a member of the UCD7K family of digital control compatible drivers for applications utilizing
digital control techniques, or applications requiring fast local peak current limit protection.
The UCD7100 is a low-side ±4-A high-current MOSFET gate driver. The UCD7100 allows digital power
controllers such as the UCD9110 or UCD9501 to interface to the power stage in single-ended topologies. It
provides a cycle-by-cycle current limit function with programmable threshold and a digital output current limit
flag, which can be monitored by the host controller. With a fast 25-ns cycle-by-cycle current limit protection,
the driver can turn off the power stage in the unlikely event that the digital system cannot respond to a failure
situation in time.
9.2 Functional Block Diagram
2
7
4
3
5
6
3V3 Regulator
&
Reference
UVLO
12
14
11
1
10
9
8
PVDD
N/C
3V3
IN
AGND
CLF
ILIM
OUT
OUT
PGND
PGND
CS
+
13 PVDD
VDD
25 mV
SD
Q
Q
R
9.3 Feature Description
9.3.1 Input
The IN pin is a high impedance digital input capable of accepting 3.3-V logic level signals up to 2 MHz. There is
an internal Schmitt Trigger comparator which isolates the internal circuitry from any external noise.
If limiting the rise or fall times to the power device is desired, then an external resistance can be added between
the output of the driver and the load device, which is generally a power MOSFET gate. The external resistor may
also help remove power dissipation from the package.
9.3.2 Current Sensing and Protection
A very fast current limit comparator connected to the CS pin is used to protect the power stage by implementing
cycle-by-cycle current limiting.
The current limit threshold is equal to the lesser of the positive inputs at the current limit comparator. The current
limit threshold can be set to any value between 0.25 V and 1.0 V by applying the desired threshold voltage to the
current limit (ILIM) pin. When the CS level is greater than the ILIM voltage minus 25 mV, the output of the driver
is forced low and the current limit flag (CLF) is set high. The CLF signal is latched high until the UCD7K device
receives the next rising edge on the IN pin.
www.ti.com
UCD7100
SLUS651E – MARCH 2005 – REVISED NOVEMBER 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com