Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD7100APWPR Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100APWPR
Description  UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100APWPR Datasheet(HTML) 18 Page - Texas Instruments

Back Button UCD7100APWPR Datasheet HTML 14Page - Texas Instruments UCD7100APWPR Datasheet HTML 15Page - Texas Instruments UCD7100APWPR Datasheet HTML 16Page - Texas Instruments UCD7100APWPR Datasheet HTML 17Page - Texas Instruments UCD7100APWPR Datasheet HTML 18Page - Texas Instruments UCD7100APWPR Datasheet HTML 19Page - Texas Instruments UCD7100APWPR Datasheet HTML 20Page - Texas Instruments UCD7100APWPR Datasheet HTML 21Page - Texas Instruments UCD7100APWPR Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
12 Layout
12.1 Layout Guidelines
In a power driver operating at high frequency, it is a significant challenge to get clean waveforms without much
overshoot/undershoot and ringing. The low output impedance of these drivers produces waveforms with high
di/dt. This tends to induce ringing in the parasitic inductances. Utmost care must be used in the circuit layout.
It is advantageous to connect the driver IC as close as possible to the leads. The driver device layout has the
analog ground on the opposite side of the output, so the ground should be connected to the bypass capacitors
and the load with copper trace as wide as possible. These connections should also be made with a small
enclosed loop area to minimize the inductance.
12.2 Layout Example
14
UCD91xx
with
CLA
Peripheral
1
12
8
PVDD
OUT
CS
10
PGND
3
4
2
5
6
3V3
AGND
IN
CLF
ILIM
7
2
UCD7100PWP
Bias
Winding
VIN
VOUT
VDS
CS
FB
CS
VDS
COMMUNICATION
(Programming & Status Reporting)
Bias Supply
11
OUT
9
PGND
13
PVDD
VDD
NC
2
Isolation
Amplifier
2
1
Figure 12-1. Isolated Forward Converter
UCD7100
SLUS651E – MARCH 2005 – REVISED NOVEMBER 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com