Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UCD7100PWPR Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # UCD7100PWPR
Description  UCD7100 Digital Control Compatible Single Low-Side 짹4-A MOSFET Driver with Current Sense
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCD7100PWPR Datasheet(HTML) 20 Page - Texas Instruments

Back Button UCD7100PWPR Datasheet HTML 16Page - Texas Instruments UCD7100PWPR Datasheet HTML 17Page - Texas Instruments UCD7100PWPR Datasheet HTML 18Page - Texas Instruments UCD7100PWPR Datasheet HTML 19Page - Texas Instruments UCD7100PWPR Datasheet HTML 20Page - Texas Instruments UCD7100PWPR Datasheet HTML 21Page - Texas Instruments UCD7100PWPR Datasheet HTML 22Page - Texas Instruments UCD7100PWPR Datasheet HTML 23Page - Texas Instruments UCD7100PWPR Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
13 Device and Documentation Support
13.1 Device Support
13.1.1 Development Support
PRODUCT
DESCRIPTION
FEATURES
UCD7201
Dual Low Side ±4-A Drivers with Common CS
3V3, CS(1) (2)
UCD7230
±4A Synchronous Buck Driver with CS
3V3, CS(1) (2)
(1)
3V3 = 3.3V linear regulator.
(2)
CS = current sense and current limit function.
13.2 Third-Party Products Disclaimer
TI'S PUBLICATION OF INFORMATION REGARDING THIRD-PARTY PRODUCTS OR SERVICES DOES NOT
CONSTITUTE AN ENDORSEMENT REGARDING THE SUITABILITY OF SUCH PRODUCTS OR SERVICES
OR A WARRANTY, REPRESENTATION OR ENDORSEMENT OF SUCH PRODUCTS OR SERVICES, EITHER
ALONE OR IN COMBINATION WITH ANY TI PRODUCT OR SERVICE.
13.3 Documentation Support
13.3.1 Related Documentation
1. Texas Instruments, Power Supply Seminar SEM−1400 Topic 2: Design And Application Guide For High
Speed MOSFET Gate Drive Circuits, by Laszlo Balogh
2. Texas Instruments, Technical Brief, PowerPad Thermally Enhanced Package
3. Texas Instruments, Application Brief, PowerPAD Made Easy
13.4 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Subscribe to updates to register and receive a weekly digest of any product information that has changed. For
change details, review the revision history included in any revised document.
13.5 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
13.6 Trademarks
TrueDrive™ and PowerPAD™ are trademarks of Texas Instruments.
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
13.7 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
13.8 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
UCD7100
SLUS651E – MARCH 2005 – REVISED NOVEMBER 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: UCD7100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com