Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2808NMFS Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808NMFS
Description  TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808NMFS Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320F2808NMFS Datasheet HTML 35Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 36Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 37Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 38Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 39Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 40Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 41Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 42Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 154 page
background image
8.14.3 Clock Requirements and Characteristics
8.14.3.1 Input Clock Frequency
PARAMETER
MIN
TYP
MAX UNIT
fx
Input clock frequency
Resonator (X1/X2)
20
35
MHz
Crystal (X1/X2)
20
35
External oscillator/clock
source (XCLKIN or X1 pin)
100-MHz device
4
100
60-MHz device
4
60
fl
Limp mode SYSCLKOUT frequency range (with /2 enabled)
1–5
MHz
8.14.3.2 XCLKIN Timing Requirements - PLL Enabled
NO.(1)
MIN
MAX UNIT
C8
tc(CI)
Cycle time, XCLKIN
33.3
200
ns
C9
tf(CI)
Fall time, XCLKIN
6
ns
C10
tr(CI)
Rise time, XCLKIN
6
ns
C11
tw(CIL)
Pulse duration, XCLKIN low as a percentage of tc(OSCCLK)
45%
55%
C12
tw(CIH)
Pulse duration, XCLKIN high as a percentage of tc(OSCCLK)
45%
55%
(1)
This applies to the X1 pin also.
8.14.3.3 XCLKIN Timing Requirements - PLL Disabled
NO.(1)
MIN
MAX UNIT
C8
tc(CI)
Cycle time, XCLKIN
100-MHz device
10
250
ns
60-MHz device
16.67
250
C9
tf(CI)
Fall time, XCLKIN
Up to 20 MHz
6
ns
20 MHz to 100 MHz
2
ns
C10
tr(CI)
Rise time, XCLKIN
Up to 20 MHz
6
ns
20 MHz to 100 MHz
2
ns
C11
tw(CIL)
Pulse duration, XCLKIN low as a percentage of tc(OSCCLK)
45%
55%
C12
tw(CIH)
Pulse duration, XCLKIN high as a percentage of tc(OSCCLK)
45%
55%
The possible configuration modes are shown in Table 9-33.
8.14.3.4 XCLKOUT Switching Characteristics (PLL Bypassed or Enabled)
NO.
(1) (2)
PARAMETER
MIN
TYP
MAX
UNIT
C1
tc(XCO)
Cycle time, XCLKOUT
100-MHz device
10
ns
60-MHz device
16.67
C3
tf(XCO)
Fall time, XCLKOUT
2
ns
C4
tr(XCO)
Rise time, XCLKOUT
2
ns
C5
tw(XCOL)
Pulse duration, XCLKOUT low
H – 2
H + 2
ns
C6
tw(XCOH)
Pulse duration, XCLKOUT high
H – 2
H + 2
ns
tp
PLL lock time
131072tc(OSCCLK) (3) cycles
(1)
A load of 40 pF is assumed for these parameters.
(2)
H = 0.5tc(XCO)
(3)
OSCCLK is either the output of the on-chip oscillator or the output from an external oscillator.
www.ti.com
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801
TMS320C2802 TMS320C2801 TMS320F28016 TMS320F28015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com