Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMS320F2808NMFS Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320F2808NMFS
Description  TMS320F280x, TMS320C280x, TMS320F2801x digital signal processors
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F2808NMFS Datasheet(HTML) 21 Page - Texas Instruments

Back Button TMS320F2808NMFS Datasheet HTML 17Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 18Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 19Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 20Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 21Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 22Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 23Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 24Page - Texas Instruments TMS320F2808NMFS Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 154 page
background image
8.2 ESD Ratings – Automotive
VALUE
UNIT
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802, TMS320C2801, TMS320F28016, and
TMS320F28015 in 100-pin PZ package
V(ESD)
Electrostatic discharge
Human body model (HBM), per AEC-Q100-002(1)
±2000
V
Charged device model (CDM),
per AEC-Q100-011
All pins
±500
Corner pins on 100-pin PZ:
1, 25, 26, 50, 51, 75, 76, 100
±750
(1)
AEC-Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
8.3 ESD Ratings – Commercial
VALUE
UNIT
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802, TMS320C2801, TMS320F28016, and
TMS320F28015 in 100-ball ZGM package
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802, TMS320C2801, TMS320F28016, and
TMS320F28015 in 100-ball GGM package
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2000
V
Charged-device model (CDM), per JEDEC specification JESD22-
C101(2)
±500
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
8.4 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Device supply voltage, I/O, VDDIO
3.14
3.3
3.47
V
Device supply voltage CPU, VDD
1.71
1.8
1.89
V
Supply ground, VSS, VSSIO
0
V
ADC supply voltage (3.3 V), VDDA2, VDDAIO
3.14
3.3
3.47
V
ADC supply voltage (1.8 V), VDD1A18, VDD2A18
1.71
1.8
1.89
V
Flash supply voltage, VDD3VFL
3.14
3.3
3.47
V
Device clock frequency (system clock),
fSYSCLKOUT
100-MHz devices
2
100
MHz
60-MHz devices
2
60
MHz
High-level input voltage, VIH
All inputs except X1
2
VDDIO + 0.3
V
X1
0.7 * VDD – 0.05
VDD
Low-level input voltage, VIL
All inputs except X1
VSS – 0.3
0.8
V
X1
0.3 * VDD + 0.05
High-level output source current,
VOH = 2.4 V, IOH
All I/Os except Group 2
–4
mA
Group 2(1)
–8
Low-level output sink current,
VOL = VOL MAX, IOL
All I/Os except Group 2
4
mA
Group 2(1)
8
www.ti.com
TMS320F2809, TMS320F2808, TMS320F2806, TMS320F2802, TMS320F2801, TMS320C2802,
TMS320C2801, TMS320F28016, TMS320F28015
SPRS230P – OCTOBER 2003 – REVISED FEBRUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TMS320F2809 TMS320F2808 TMS320F2806 TMS320F2802 TMS320F2801
TMS320C2802 TMS320C2801 TMS320F28016 TMS320F28015



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com