Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SA9150 Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # 2SA9150
Description  PNP Medium Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

2SA9150 Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  2SA9150 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd 2SA9150 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd 2SA9150 Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd 2SA9150 Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd 2SA9150 Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd 2SA9150 Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
PNP Medium Power Transistors
2SA9150
Document Number:F51935T
27-Nov-2021 V 2.0
www.futurewafer.com.tw
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage
BV CBO
IC = -100uA,IE = 0
-150
-
-
V
Collector-Emitter Breakdown Voltage
BV CEO
IC = -30mA,IB = 0
-150
-
-
Emitter-Base Breakdown Voltage
BV EBO
IE = -100uA,IC = 0
-7.0
-
-
Collector-Emitter Saturation Voltage
V CE(sat)
IC = -8.0A,IB = -0.8A
-
-
-1.0
Collector Cut-off Current
I CBO
VCB = -135V,IE = 0
-
-
-1.0
uA
Emitter Cut-off Current
I EBO
VEB = -10V,IC = 0
-
-
-1.0
Static Forward Current Transfer Ratio
h FE
IC = -1.0A,VCE = -5V
60
-
250
-
Transition Frequency
f T
IC = -1.0A,VCE = -5.0V
10
-
-
MHZ
Output Capacitance
C obo
VCB = -80V,f = 1MHZ
-
60
-
pF
Turn-on time
t on
IC = -5A
IB1 = -IB2 = -0.5A,
VCC = -60V,RL = 12Ω
-
0.2
-
uS
Storage time
t s
-
1.4
-
Fall time
t f
-
0.35
-
5. Electrical Characteristics(@ T
A = 25°C,unless otherwise specified)
6. Ratings and Characteristics Curve (TA=25°C unless otherwise noted)
-IB,Base Current (A)
Fig 1.VCE(SAT) VS Base Current
IC = -5A
IC = -8A
-VCE,Collector Emitter Voltage (V)
-400mA
-300mA
-200mA
-160mA
-120mA
-80mA
-40mA
IB = -20mA
Fig 2.Typical Collector Current VS
Collector Emitter Voltage



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com