Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SA9150 Datasheet(PDF) 3 Page - FutureWafer Tech Co.,Ltd

Part # 2SA9150
Description  PNP Medium Power Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

2SA9150 Datasheet(HTML) 3 Page - FutureWafer Tech Co.,Ltd

  2SA9150 Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd 2SA9150 Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd 2SA9150 Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd 2SA9150 Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd 2SA9150 Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd 2SA9150 Datasheet HTML 6Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
PNP Medium Power Transistors
2SA9150
Document Number:F51935T
27-Nov-2021 V 2.0
www.futurewafer.com.tw
6. Ratings and Characteristics Curve (TA=25°C unless otherwise noted)
Fig 3.Safe Operating Area
DC
10mS
Without Heatsink
TA,Ambient Temperature(°C)
Fig 4.Power Derating
Fig 5.Collect Current VS VBE
Fig 6.DC Current Gain
VCE=-4V
-VCE,Collector Emitter Voltage (V)
TA=25°C
TA=-55°C
TA=125°C
-VBE,Base Emitter Voltage (V)
TA=-55°C
TA=25°C
TA=125°C
-IC,Collector Current (A)
Fig. 7 Transition Frequency
-IE,Emitter Current (A)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com