Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAS70 Datasheet(PDF) 12 Page - FutureWafer Tech Co.,Ltd

Part # BAS70
Description  Surface Mount Switching Diode
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

BAS70 Datasheet(HTML) 12 Page - FutureWafer Tech Co.,Ltd

Back Button BAS70 Datasheet HTML 8Page - FutureWafer Tech Co.,Ltd BAS70 Datasheet HTML 9Page - FutureWafer Tech Co.,Ltd BAS70 Datasheet HTML 10Page - FutureWafer Tech Co.,Ltd BAS70 Datasheet HTML 11Page - FutureWafer Tech Co.,Ltd BAS70 Datasheet HTML 12Page - FutureWafer Tech Co.,Ltd BAS70 Datasheet HTML 13Page - FutureWafer Tech Co.,Ltd BAS70 Datasheet HTML 14Page - FutureWafer Tech Co.,Ltd BAS70 Datasheet HTML 15Page - FutureWafer Tech Co.,Ltd BAS70 Datasheet HTML 16Page - FutureWafer Tech Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
Document No.: F21837G
27-DEC-2021 V 2.0
www.futurewafer.com.tw
FQE-001-04
BAS70 Series
Surface Mount Switching Diode
6-1. Taping and Reel Specification-SOT23 & SOT323
6-2. Embossed Carrier Tape Specification-SOT23 & SOT323
6. Packing
Dimension W
D
D1
E
F
P
P0
P2
t
W
Value
8
mm
1.5
±0.1
1.3
Max.
1.75
±0.1
3.5
±0.05
4
±0.1
4
±0.1
2
±0.1
0.4
Max.
8
±0.3
A0 /
B0 /
K0
Determined by Component Size. The Clearance Between The Component And The Cavity Must
Comply to The Rotational and Lateral Movement Requirement Provided in Figures in The “Maximum
Component Movement in Tape Pocket” Section.
Unit: mm
Taping Width
Tape Orientation
8mm
Direction Of Feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com