| Electronic Components Datasheet Search |
|
UJA1076ATW/3V3/WD Datasheet(PDF) 21 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
UJA1076ATW/3V3/WD Datasheet(HTML) 21 Page - NXP Semiconductors |
|
21 / 47 page ![]() UJA1076A All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Product data sheet Rev. 2 — 31 January 2011 21 of 47 NXP Semiconductors UJA1076A High-speed CAN core system basis chip • the SBC is in Normal mode (MC = 10 or 11) • the transceiver is enabled (bit STBCC = 0; see Table 6) and • V2 is enabled and its output voltage is above its undervoltage threshold, Vuvd or • V2 is disabled but an external voltage source, or V1, connected to pin V2 is above its undervoltage threshold (see Section 6.6.3) In CAN Active mode, the transceiver can transmit and receive data via the CANH and CANL pins. The differential receiver converts the analog data on the bus lines into digital data which is output on pin RXDC. The transmitter converts digital data generated by a CAN controller, and input on pin TXDC, to signals suitable for transmission over the bus lines. 6.7.1.2 Lowpower/Off modes The CAN transceiver will be in Lowpower mode with bus wake-up detection enabled if bit STBCC = 1 (see Table 6). The CAN transceiver can be woken up remotely via pins CANH and CANL in Lowpower mode. When the SBC is in Standby mode or Sleep mode (MC = 00 or 01), the CAN transceiver will be in Off mode if bit STBCC = 0. The CAN transceiver is powered down completely in Off mode to minimize quiescent current consumption. A filter at the receiver input prevents unwanted wake-up events occurring due to automotive transients or ElectroMagnetic Interferance (EMI). A recessive-dominant-recessive-dominant sequence must occur on the CAN bus within the wake-up timeout time (tto(wake)) to pass the wake-up filter and trigger a wake-up event (see Figure 9; note that additional pulses may occur between the recessive/dominant phases). The minimum recessive/dominant bus times for CAN transceiver wake-up (twake(busrec)min and twake(busdom)min) must be satisfied (see Table 11). Fig 9. CAN wake-up timing diagram recessive dominant recessive dominant wake-up 015aaa107 twake < tto(wake) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |