Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UJA1076ATW/3V3/WD Datasheet(PDF) 11 Page - NXP Semiconductors

Part # UJA1076ATW/3V3/WD
Description  High-speed CAN core system basis chip
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

UJA1076ATW/3V3/WD Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button UJA1076ATW/3V3/WD Datasheet HTML 7Page - NXP Semiconductors UJA1076ATW/3V3/WD Datasheet HTML 8Page - NXP Semiconductors UJA1076ATW/3V3/WD Datasheet HTML 9Page - NXP Semiconductors UJA1076ATW/3V3/WD Datasheet HTML 10Page - NXP Semiconductors UJA1076ATW/3V3/WD Datasheet HTML 11Page - NXP Semiconductors UJA1076ATW/3V3/WD Datasheet HTML 12Page - NXP Semiconductors UJA1076ATW/3V3/WD Datasheet HTML 13Page - NXP Semiconductors UJA1076ATW/3V3/WD Datasheet HTML 14Page - NXP Semiconductors UJA1076ATW/3V3/WD Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
UJA1076A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 31 January 2011
11 of 47
NXP Semiconductors
UJA1076A
High-speed CAN core system basis chip
6.2.3 WD_and_Status register
[1]
Bit NWP is set to its default value (100) after a reset.
Table 4.
WD_and_Status register
Bit
Symbol
Access Power-on
default
Description
15:13 A2, A1, A0
R
000
register address
12
RO
R/W
0
access status
0: register set to read/write
1: register set to read only
11
WMC
R/W
0
watchdog mode control
0: Normal mode: watchdog in Window mode; Standby mode: watchdog in
Timeout mode
1: Normal mode: watchdog in Timeout mode; Standby mode: watchdog in
Off mode
10:8
NWP[1]
R/W
100
nominal watchdog period
000: 8 ms
001: 16 ms
010: 32 ms
011: 64 ms
100: 128 ms
101: 256 ms
110: 1024 ms
111: 4096 ms
7
WOS/SWR
R/W
-
watchdog off status/software reset
0: WDOFF pin LOW; watchdog mode determined by bit WMC
1: watchdog disabled due to HIGH level on pin WDOFF; results in software
reset
6
V1S
R
-
V1 status
0: V1 output voltage above 90 % undervoltage recovery threshold
(Vuvr;see Table 10)
1: V1 output voltage below 90 % undervoltage detection threshold
(Vuvd;see Table 10)
5
V2S
R
-
V2 status
0: V2 output voltage above undervoltage release threshold
(Vuvr;see Table 10)
1: V2 output voltage below undervoltage detection threshold
(Vuvd;see Table 10)
4
WLS1
R
-
wake-up 1 status
0: WAKE1 input voltage below switching threshold (Vth(sw))
1: WAKE1 input voltage above switching threshold (Vth(sw))
3
WLS2
R
-
wake-up 2 status
0: WAKE2 input voltage below switching threshold (Vth(sw))
1: WAKE2 input voltage above switching threshold (Vth(sw))
2:0
reserved
R
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com