Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KCD2-ST-2.SP Datasheet(PDF) 3 Page - Pepperl+Fuchs Inc.

Part # KCD2-ST-2.SP
Description  Switch Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KCD2-ST-2.SP Datasheet(HTML) 3 Page - Pepperl+Fuchs Inc.

  KCD2-ST-2.SP Datasheet HTML 1Page - Pepperl+Fuchs Inc. KCD2-ST-2.SP Datasheet HTML 2Page - Pepperl+Fuchs Inc. KCD2-ST-2.SP Datasheet HTML 3Page - Pepperl+Fuchs Inc. KCD2-ST-2.SP Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Assembly
KCD2-ST-2
PWR
OUT/CHK
1
2
3
4
9
10
8
6
7
5
S1
S3
S4
S2
II
I
1
2
Front view
LED green:
Power supply
Removable spring terminals
green
Removable spring terminals
green
Switch 1 ... 4
LED yellow/red:
Status output/
Fault signal channel I
LED yellow/red:
Status output/
Fault signal channel II
Matching System Components
KFD2-EB2
Power Feed Module
UPR-03
Universal Power Rail with end caps and cover, 3 conductors, length: 2 m
UPR-03-M
Universal Power Rail with end caps and cover, 3 conductors, length: 1,6 m
UPR-03-S
Universal Power Rail with end caps and cover, 3 conductors, length: 0.8 m
K-DUCT-GY
Profile rail, wiring comb field side, gray
K-DUCT-GY-UPR-03
Profile rail with UPR-03-* insert, 3 conductors, wiring comb field side, gray
Accessories
KC-CTT-5GN
Terminal block for KC modules, 2-pin spring terminal, with test sockets, green
KF-CP
Red coding pins, packaging unit: 20 x 6
Switch Amplifier
KCD2-ST-2.SP
3
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com