Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KCD2-ST-2.SP Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

Part # KCD2-ST-2.SP
Description  Switch Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

KCD2-ST-2.SP Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  KCD2-ST-2.SP Datasheet HTML 1Page - Pepperl+Fuchs Inc. KCD2-ST-2.SP Datasheet HTML 2Page - Pepperl+Fuchs Inc. KCD2-ST-2.SP Datasheet HTML 3Page - Pepperl+Fuchs Inc. KCD2-ST-2.SP Datasheet HTML 4Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Switch Amplifier
KCD2-ST-2.SP
< 2-channel signal conditioner
< 24 V DC supply (Power Rail)
< Dry contact or NAMUR inputs
< 2 active transistor outputs
< Reversible mode of operation
< Line fault detection (LFD)
< Housing width 12.5 mm
< Connection via spring terminals with push-in connection
technology
< SIL 2 (SC 3) acc. to IEC/EN 61508
Function
This signal conditioner provides the galvanic isolation between field circuits and control circuits.
The device transfers digital signals (NAMUR sensors or dry contacts) from the field to the control system.
Each input controls an active transistor output.
Via switches the mode of operation can be reversed and the line fault detection can be switched off.
A fault is signalized by LEDs acc. to NAMUR NE44 and a separate collective error message output.
Connection
KCD2-ST-2.SP
5+
1+
2-
6+
24 V DC
9+
10-
Power Rail
24V DC
Fault
10 kΩ
400 Ω ≤ R ≤ 2 kΩ
3+
4-
10 kΩ
400 Ω ≤ R ≤ 2 kΩ
I
II
I
II
Technical Data
General specifications
Signal type
Digital Input
Functional safety related parameters
Safety Integrity Level (SIL)
SIL 2
Systematic capability (SC)
SC 3
Supply
Connection
Power Rail or terminals 9+, 10-
Rated voltage
Ur
19 ... 30 V DC
Ripple
≤ 10 %
Rated current
Ir
30 ... 20 mA + Iout
Power dissipation
≤ 800 mW including maximum power dissipation in the output
1
Germany: +49 621 776 2222
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0002
Singapore: +65 6779 9091
www.pepperl-fuchs.com
pa-info@us.pepperl-fuchs.com
pa-info@sg.pepperl-fuchs.com
pa-info@de.pepperl-fuchs.com


Similar Part No. - KCD2-ST-2.SP

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KCD2-ST-2 PF-KCD2-ST-2 Datasheet
811Kb / 4P
Switch Amplifier
More results

Similar Description - KCD2-ST-2.SP

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
KCD2-SON-EX1.R3 PF-KCD2-SON-EX1.R3 Datasheet
1Mb / 6P
Switch Amplifier
KCD2-SOT-EX1.LB PF-KCD2-SOT-EX1.LB Datasheet
909Kb / 5P
Switch Amplifier
KCD2-SOT-EX2 PF-KCD2-SOT-EX2 Datasheet
938Kb / 5P
Switch Amplifier
KCD2-SR-EX1.LB PF-KCD2-SR-EX1.LB Datasheet
1Mb / 6P
Switch Amplifier
KCD2-ST-1.LB PF-KCD2-ST-1.LB Datasheet
806Kb / 4P
Switch Amplifier
KCD2-ST-2 PF-KCD2-ST-2 Datasheet
811Kb / 4P
Switch Amplifier
KCD2-SR-EX1 PF-KCD2-SR-EX1 Datasheet
1Mb / 6P
Switch Amplifier
KFA6-SR2-EX1.W.LB PF-KFA6-SR2-EX1.W.LB Datasheet
1Mb / 6P
Switch Amplifier
KFA6-SR2-EX2.W.IR PF-KFA6-SR2-EX2.W.IR Datasheet
1Mb / 5P
Switch Amplifier
KFA6-SR2-EX1.W PF-KFA6-SR2-EX1.W Datasheet
1Mb / 6P
Switch Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com