Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMX2332LSLBX Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2332LSLBX
Description  PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2332LSLBX Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button LMX2332LSLBX Datasheet HTML 12Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 13Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 14Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 15Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 16Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 17Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 18Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 19Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Functional Description (Continued)
TABLE 3. The F
oLD (Pin 10) Output Truth Table
RF R[19]
IF R[19]
RF R[20]
IF R[20]
F
o Output State
(RF LD)
(IF LD)
(RF F
o)
(IF F
o)
0
0
0
0
Disabled (Note 12)
0
1
0
0
IF Lock Detect (Note 13)
1
0
0
0
RF Lock Detect (Note 13)
1
1
0
0
RF/IF Lock Detect (Note 13)
X
0
0
1
IF Reference Divider Output
X
0
1
0
RF Reference Divider Output
X
1
0
1
IF Programmable Divider Output
X
1
1
0
RF Programmable Divider Output
0
0
1
1
Fastlock (Note 14)
0
1
1
1
IF Counter Reset (Note 15)
1
0
1
1
RF Counter Reset (Note 15)
1
1
1
1
IF and RF Counter Reset (Note 15)
X = don’t care condition
Note 12: When the FoLD output is disabled, it is actively pulled to a low logic state.
Note 13: Lock detect output provided to indicate when the VCO frequency is in “lock.” When the loop is locked and a lock detect mode is selected, the pins output
is HIGH, with narrow pulses LOW. In the RF/IF lock detect mode a locked condition is indicated when RF and IF are both locked.
Note 14: The Fastlock mode utilizes the FoLD output pin to switch a second loop filter damping resistor to ground during fastlock operation. Activation of Fastlock
occurs whenever the RF loop’s lcpo magnitude bit #17 is selected HIGH (while the #19 and #20 mode bits are set for Fastlock).
Note 15: The IF Counter Reset mode resets IF PLL’s R and N counters and brings IF charge pump output to a TRI-STATE condition. The RF Counter Reset mode
resets RF PLL’s R and N counters and brings RF charge pump output to a TRI-STATE condition. The IF and RF Counter Reset mode resets all counters and brings
both charge pump outputs to a TRI-STATE condition. Upon removal of the Reset bits then N counter resumes counting in “close” alignment with the R counter. (The
maximum error is one prescaler cycle.)
POWERDOWN OPERATION
Synchronous and asynchronous powerdown modes are both available by MICROWIRE selection. Synchronously powerdown
occurs if the respective loop’s R18 bit (Do TRI-STATE) is LOW when its N20 bit (Pwdn) becomes HI. Asynchronous powerdown
occurs if the loop’s R18 bit is HI when its N20 bit becomes HI.
In the synchronous powerdown mode, the powerdown function is gated by the charge pump to prevent unwanted frequency
jumps. Once the powerdown program bit N20 is loaded, the part will go into powerdown mode when the charge pump reaches
a TRI-STATE condition.
In the asynchronous powerdown mode, the device powers down immediately after the LE pin latches in a HI condition on the
powerdown bit N20.
Activation of either the IF or RF PLL powerdown conditions in either synchronous or asynchronous modes forces the respective
loop’s R and N dividers to their load state condition and debiasing of its respective f
IN input to a high impedance state. The
oscillator circuitry function does not become disabled until both IF and RF powerdown bits are activated. The MICROWIRE
control register remains active and capable of loading and latching data during all of the powerdown modes.
The device returns to an actively powered up condition in either synchronous or asynchronous modes immediately upon LE
latching LOW data into bit N20.
Powerdown Mode Select Table
R18
N20
Powerdown Status
0
0
PLL Active
1
0
PLL Active
(Charge Pump Output TRI-STATE)
0
1
Synchronous Powerdown Initiated
1
1
Asynchronous Powerdown Initiated
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com