Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMX2332LSLBX Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2332LSLBX
Description  PLLatinumTM Low Power Dual Frequency Synthesizer for RF Personal Communications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2332LSLBX Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LMX2332LSLBX Datasheet HTML 15Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 16Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 17Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 18Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 19Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 20Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 21Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 22Page - National Semiconductor (TI) LMX2332LSLBX Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
Application Information
A block diagram of the basic phase locked loop is shown in
Figure 1.
LOOP GAIN EQUATIONS
A linear control system model of the phase feedback for a
PLL in the locked state is shown in
Figure 2. The open loop
gain is the product of the phase comparator gain (K
φ), the
VCO gain (K
VCO/s), and the loop filter gain Z(s) divided by
the gain of the feedback counter modulus (N). The passive
loop filter configuration used is displayed in
Figure 3, while
the complex impedance of the filter is given in
Equation (1).
(1)
The time constants which determine the pole and zero fre-
quencies of the filter transfer function can be defined as
(2)
and
T2=R2
• C2
(3)
The 3rd order PLL Open Loop Gain can be calculated in
terms of frequency,
ω, the filter time constants T1 and T2,
and the design constants Kφ,KVCO, and N.
(4)
From
Equations (2), (3) we can see that the phase term will
be dependent on the single pole and zero such that the
phase margin is determined in
Equation (5).
φ(ω) = tan −1 (ω • T2) − tan−1 (ω • T1) + 180˚
(5)
A plot of the magnitude and phase of G(s)H(s) for a stable
loop, is shown in
Figure 4 with a solid trace. The parameter
φ
p shows the amount of phase margin that exists at the point
the gain drops below zero (the cutoff frequency wp of the
loop). In a critically damped system, the amount of phase
margin would be approximately 45 degrees.
If we were now to redefine the cut off frequency, wp’, as
double the frequency which gave us our original loop band-
width, wp, the loop response time would be approximately
halved. Because the filter attenuation at the comparison
frequency also diminishes, the spurs would have increased
by approximately 6 dB. In the proposed Fastlock scheme,
the higher spur levels and wider loop filter conditions would
exist only during the initial lock-on phase — just long enough
to reap the benefits of locking faster. The objective would be
to open up the loop bandwidth but not introduce any addi-
tional complications or compromises related to our original
design criteria. We would ideally like to momentarily shift the
curve of
Figure 4 over to a different cutoff frequency, illus-
trated by the dotted line, without affecting the relative open
loop gain and phase relationships. To maintain the same
gain/phase relationship at twice the original cutoff frequency,
other terms in the gain and phase
Equation (4) and Equation
(5) will have to compensate by the corresponding “1/w” or
“1/w
2” factor. Examination of equations Equations (2), (3)
and
Equation (5) indicates the damping resistor variable R2
could be chosen to compensate the “w”’ terms for the phase
01280614
FIGURE 1. Basic Charge Pump Phase Locked Loop
01280615
FIGURE 2. PLL Linear Model
01280616
FIGURE 3. Passive Loop Filter
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com