Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCSESPU093F2CS0 Datasheet(PDF) 2 Page - Schneider Electric

Part # TCSESPU093F2CS0
Description  ConneXium Premium Unmanaged Switch - 7 ports for copper 2 ports for fiber optic singlemode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

TCSESPU093F2CS0 Datasheet(HTML) 2 Page - Schneider Electric

  TCSESPU093F2CS0 Datasheet HTML 1Page - Schneider Electric TCSESPU093F2CS0 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Environment
Ambient air temperature for operation
-40…70 °C
Relative humidity
10…95 % non-condensing
IP degree of protection
IP40
Directives
2014/35/EU - low voltage directive
2014/30/EU - electromagnetic compatibility
Standards
UL 61010
EN/IEC 61131
Product certifications
CE
UL
RCM
Packing Units
Unit Type of Package 1
PCE
Number of Units in Package 1
1
Package 1 Weight
801 G
Package 1 Height
13.5 Cm
Package 1 width
16.2 Cm
Package 1 Length
23.5 Cm
Contractual warranty
Warranty
18 months
Product Life Status :
Commercialised
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com